Electronic Components Datasheet Search
  English  ▼

X  

INA701 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA701
Description  INA701 40V, 16-Bit, I2C Output Digital Power Monitor in WCSP With 5mΩ EZShunt™ Technology
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA701 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA701 Datasheet HTML 7Page - Texas Instruments INA701 Datasheet HTML 8Page - Texas Instruments INA701 Datasheet HTML 9Page - Texas Instruments INA701 Datasheet HTML 10Page - Texas Instruments INA701 Datasheet HTML 11Page - Texas Instruments INA701 Datasheet HTML 12Page - Texas Instruments INA701 Datasheet HTML 13Page - Texas Instruments INA701 Datasheet HTML 14Page - Texas Instruments INA701 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
5.8 Typical Characteristics (continued)
at TA = 25°C, VVS = 3.3V, VCM = 12V, ISENSE = 0A, and VVBUS = 12V (unless otherwise noted)
Frequency (kHz)
1
10
100
1000
3000
600
620
640
660
680
Continuous I2C Write Commands
Idle SDA, Clocking SCL
Figure 5-20. Quiescent Current vs Clock Frequency, Active
Frequency (kHz)
1
10
100
1000
3000
0
30
60
90
120
150
Figure 5-21. Quiescent Current vs Clock Frequency, Shutdown
Figure 5-22. Internal Clock Frequency vs Power Supply
Temperature ( C)
-50
-25
0
25
50
75
100
125
0.995
0.9975
1
1.0025
1.005
Figure 5-23. Internal Clock Frequency vs Temperature
www.ti.com
INA701
SBOSAM2 – AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: INA701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com