Electronic Components Datasheet Search
  English  ▼

X  

INA701 Datasheet(PDF) 31 Page - Texas Instruments

Part # INA701
Description  INA701 40V, 16-Bit, I2C Output Digital Power Monitor in WCSP With 5mΩ EZShunt™ Technology
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA701 Datasheet(HTML) 31 Page - Texas Instruments

Back Button INA701 Datasheet HTML 27Page - Texas Instruments INA701 Datasheet HTML 28Page - Texas Instruments INA701 Datasheet HTML 29Page - Texas Instruments INA701 Datasheet HTML 30Page - Texas Instruments INA701 Datasheet HTML 31Page - Texas Instruments INA701 Datasheet HTML 32Page - Texas Instruments INA701 Datasheet HTML 33Page - Texas Instruments INA701 Datasheet HTML 34Page - Texas Instruments INA701 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
6.6.1.10 Current Over-Limit Threshold (COL) Register (Address = Ch) [reset = 7FFFh]
If negative values are entered in this register, then a current measurement of 0A trips this alarm. When using
negative values for the under current and overcurrent thresholds be aware that the overcurrent threshold must
be set to the larger (that is, less negative) of the two values. The COL register is shown in Table 6-14.
Return to the Summary Table.
Table 6-14. COL Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
COL
R/W
7FFFh
Sets the threshold for comparison of the value to detect overcurrent
condition (overcurrent protection). 2's-complement value.
6.6.1.11 Current Under-Limit Threshold (CUL) Register (Address = Dh) [reset = 8000h]
The CUL register is shown in Table 6-15.
Return to the Summary Table.
Table 6-15. CUL Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
CUL
R/W
8000h
Sets the threshold for comparison of the value to detect undercurrent
condition. 2's-complement value.
6.6.1.12 Bus Overvoltage Threshold (BOVL) Register (Address = Eh) [reset = 7FFFh]
The BOVL register is shown in Table 6-16.
Return to the Summary Table.
Table 6-16. BOVL Register Field Descriptions
Bit
Field
Type
Reset
Description
15
Reserved
R
0h
Reserved. Always reads 0.
14-0
BOVL
R/W
7FFFh
Sets the threshold for comparison of the value to detect Bus
Overvoltage (overvoltage protection). Unsigned representation,
positive value only. Conversion factor: 3.125mV/LSB.
6.6.1.13 Bus Undervoltage Threshold (BUVL) Register (Address = Fh) [reset = 0h]
The BUVL register is shown in Table 6-16.
Return to the Summary Table.
Table 6-17. BUVL Register Field Descriptions
Bit
Field
Type
Reset
Description
15
Reserved
R
0h
Reserved. Always reads 0.
14-0
BUVL
R/W
0h
Sets the threshold for comparison of the value to detect Bus
Undervoltage (undervoltage protection). Unsigned representation,
positive value only. Conversion factor: 3.125mV/LSB.
www.ti.com
INA701
SBOSAM2 – AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: INA701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com