Electronic Components Datasheet Search
  English  ▼

X  

INA701 Datasheet(PDF) 17 Page - Texas Instruments

Part # INA701
Description  INA701 40V, 16-Bit, I2C Output Digital Power Monitor in WCSP With 5mΩ EZShunt™ Technology
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA701 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA701 Datasheet HTML 13Page - Texas Instruments INA701 Datasheet HTML 14Page - Texas Instruments INA701 Datasheet HTML 15Page - Texas Instruments INA701 Datasheet HTML 16Page - Texas Instruments INA701 Datasheet HTML 17Page - Texas Instruments INA701 Datasheet HTML 18Page - Texas Instruments INA701 Datasheet HTML 19Page - Texas Instruments INA701 Datasheet HTML 20Page - Texas Instruments INA701 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
the input measurements as described above, after which the ADC goes into shutdown mode until the user
writes to the MODE bits to generate another single-shot trigger. Writing the MODE bits interrupts and restarts
triggered or continuous conversions that are in progress. Although the device can be read at any time, and
the data from the last conversion remains available, the Conversion Ready flag (CNVRF bit in ALERT_DIAG
register) is provided to help coordinate triggered conversions. This bit is set after all conversions and averaging
are complete.
The Conversion Ready flag (CNVRF) clears under these conditions:
• Writing to the ADC_CONFIG register (except for selecting shutdown mode); or
• Reading the ALERT_DIAG Register
While the INA701 device is used in either one of the conversion modes, a dedicated digital engine is calculating
the current, power, charge and energy values in the background (see Internal Measurement and Calculation
Engine). In triggered mode, the accumulation registers (ENERGY and CHARGE) are invalid, as the device does
not keep track of elapsed time. For applications that require critical measurements in regards to accumulation of
time for energy and charge measurements, the device must be configured to use continuous conversion mode,
as the accumulated results are continuously updated and can provide true system representation of charge and
energy consumption in a system. All of the calculations are performed in the background and do not contribute to
conversion time.
For applications that must synchronize with other components in the system, the INA701 conversion can be
delayed by programming the CONVDLY bits in CONFIG register in the range between 0ms (no delay) and
510ms. The resolution in programming the conversion delay is 2ms. The conversion delay is set to 0 by default.
Conversion delay can assist in measurement synchronization when multiple external devices are used for
voltage or current monitoring purposes. In applications where time aligned voltage and current measurements
are needed, two devices can be used with the current measurement delayed such that the external voltage and
current measurements occurs at approximately the same time. Keep in mind that even though the internal time
base for the ADC is precise, synchronization is lost over time due to internal and external time base mismatch.
6.3.5.1 Low Latency Digital Filter
The device integrates a low-pass digital filter that performs both decimation and filtering on the ADC output data,
which helps with noise reduction. The digital filter is automatically adjusted for the different output data rates
and always settles within one conversion cycle. The user has the flexibility to choose different output conversion
time periods TCT from 50µs to 4.12ms. With this configuration the first amplitude notch appears at the Nyquist
frequency of the output signal that is determined by the selected conversion time period (see Equation 1).
fNOTCH= 12×TCT
(1)
This means that the filter cut-off frequency scales proportionally with the data output rate as described. Figure
6-8 shows the filter response when the 1.052ms conversion time period is selected.
www.ti.com
INA701
SBOSAM2 – AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: INA701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com