Electronic Components Datasheet Search
  English  ▼

X  

INA701 Datasheet(PDF) 37 Page - Texas Instruments

Part # INA701
Description  INA701 40V, 16-Bit, I2C Output Digital Power Monitor in WCSP With 5mΩ EZShunt™ Technology
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA701 Datasheet(HTML) 37 Page - Texas Instruments

Back Button INA701 Datasheet HTML 33Page - Texas Instruments INA701 Datasheet HTML 34Page - Texas Instruments INA701 Datasheet HTML 35Page - Texas Instruments INA701 Datasheet HTML 36Page - Texas Instruments INA701 Datasheet HTML 37Page - Texas Instruments INA701 Datasheet HTML 38Page - Texas Instruments INA701 Datasheet HTML 39Page - Texas Instruments INA701 Datasheet HTML 40Page - Texas Instruments INA701 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
An overcurrent threshold is set by programming the Current Over-Limit Threshold register (COL). The value that
must be programmed into this register is calculated by dividing the overcurrent limit value by the current LSB
size. For this example, the target value for the COL register is 2A ÷ 190μA = 10526d (291Eh).
An overvoltage fault threshold on the bus voltage is set by programming the bus overvoltage limit register
(BOVL). In this example the desired overvoltage threshold is 14V. The value that must be programmed into this
register is calculated by dividing the target threshold voltage by the bus voltage fault limit LSB value of 3.125mV.
For this example, the target value for the BOVL register is 14V ÷ 3.125mV = 4480d (1180h).
When setting the power over-limit value, the LSB size used to calculate the value needed in the limit registers is
256 times greater than the power LSB. This is because the power register is a 24 bits in length while the power
fault limit register is 16 bits. The LSB value to use for setting the over-power fault limit is 9.728mW.
Values stored in the alert limit registers are set to the default values after VS power cycle events and must be
reprogrammed each time power is applied.
7.2.2.3 Calculate Returned Values
Parametric values are calculated by multiplying the returned value by the LSB value. Table 7-4 shows the
returned values for this application example, assuming the design requirements shown in Table 7-3.
Table 7-4. Calculating Returned Values
PARAMETER
RETURNED VALUE
LSB VALUE
CALCULATED VALUE
Current (A)
10526d
190µA
2A
Bus voltage (V)
3840d
3.125mV
12V
Power (W)
631578d
38µW
24W
Energy (J)
142105263d
0.608mJ
86.4kJ
Charge (C)
606315789d
11.875µC
7200C
Temperature (°C)
320d
125mºC
40°C
Current, Bus Voltage (positive only), Charge, and Temperature return values in 2's-complement format. In
2's-complement format a negative value in binary is represented by having a 1 in the most significant bit of the
returned value. These values can be converted to decimal by first inverting all the bits and adding 1 to obtain the
unsigned binary value. This value can then be converted to decimal with the negative sign applied. For example,
assume a current reading returns 1011 0100 0001 0000. This is a negative value due to the MSB having a value
of one. Inverting the bits and adding one results in 0100 1011 1111 0000 (19440d) which is current value of
3.6936A. The returned value is negative, therefore the measured current value is –3.6936A.
www.ti.com
INA701
SBOSAM2 – AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: INA701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com