Electronic Components Datasheet Search
  English  ▼

X  

INA701 Datasheet(PDF) 19 Page - Texas Instruments

Part # INA701
Description  INA701 40V, 16-Bit, I2C Output Digital Power Monitor in WCSP With 5mΩ EZShunt™ Technology
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA701 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA701 Datasheet HTML 15Page - Texas Instruments INA701 Datasheet HTML 16Page - Texas Instruments INA701 Datasheet HTML 17Page - Texas Instruments INA701 Datasheet HTML 18Page - Texas Instruments INA701 Datasheet HTML 19Page - Texas Instruments INA701 Datasheet HTML 20Page - Texas Instruments INA701 Datasheet HTML 21Page - Texas Instruments INA701 Datasheet HTML 22Page - Texas Instruments INA701 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
Settings for the conversion time and number of conversions averaged impact the effective measurement
resolution. See ADC Output Data Rate and Noise Performance for more detailed information on how averaging
reduces noise and increases the effective number of bits (ENOB).
6.3.6 Integrated Precision Oscillator
The internal timebase of the device is provided by an internal oscillator that is trimmed to less than 0.5%
tolerance at room temperature. The precision oscillator is the timing source for ADC conversions, as well as
the time-count used for calculation of energy and charge. The digital filter response varies with conversion
time; therefore, the precise clock provides filter response and notch frequency consistency across temperature.
On power up, the internal oscillator and ADC take roughly 300µs to reach <1% error stability. After the clock
stabilizes, the ADC data output is accurate to the electrical specifications provided in Specifications.
6.3.7 Multi-Alert Monitoring and Fault Detection
The INA701 includes a multipurpose, open-drain, ALERT output pin that can be used to report multiple
diagnostics or as an indicator that the ADC conversion is complete when the device is operating in both
triggered and continuous conversion mode. The diagnostics listed in Table 6-1 are constantly monitored and can
be reported through the ALERT pin whenever the monitored output value crosses the associated out-of-range
threshold.
Table 6-1. ALERT Diagnostics Description
INA701 DIAGNOSTIC
STATUS BIT IN ALERT_DIAG REGISTER
(READ ONLY)
OUT-OF-RANGE
THRESHOLD
REGISTER (R/W)
REGISTER DEFAULT
VALUE
Current Under-Limit
CURRENTUL
CUL
0x8000 h
(2's complement))
Current Over-Limit
CURRENTOL
COL
0x7FFF h
(2's complement))
Bus Voltage Over-Limit
BUSOL
BOVL
0x7FFF h
(2's complement), positive
values only)
Bus Voltage Under-Limit
BUSUL
BUVL
0x0000 h
(2's complement), positive
values only)
Temperature Over-Limit
TMPOL
TEMP_LIMIT
0xFFFF h
(2's complement), positive
values only)
Power Over-Limit
POL
PWR_LIMIT
0x7FFF h
(2's complement))
A read of the ALERT_DIAG register is used to determine which diagnostic triggered the ALERT pin. This
register, shown in Table 6-13, is also used to monitor other associated diagnostics as well as configure some
ALERT pin functions.
• Alert latch enable — In case the ALERT pin is triggered, this function holds the value of the pin even after all
diagnostic conditions have cleared. A read of the ALERT_DIAG register resets the status of the ALERT pin.
This function is enabled by setting the ALATCH bit.
• Conversion ready enable — Enables the ALERT pin to assert when an ADC conversion is complete and
output values are ready to be read through the digital interface. This function is enabled by setting the CNVR
bit. The conversion completed events can also be read through the CNVRF bit regardless of the CNVR bit
setting.
• Alert comparison on averaged output — Allows the out-of-range threshold value to be compared to the
averaged data values produced by the ADC. This helps remove noise from the output data when compared
to the out-of-range threshold to avoid false alerts due to noise. However, the diagnostic is delayed due to the
time needed for averaging. This function is enabled by setting the SLOWALERT bit.
www.ti.com
INA701
SBOSAM2 – AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: INA701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com