Electronic Components Datasheet Search
  English  ▼

X  

INA701 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA701
Description  INA701 40V, 16-Bit, I2C Output Digital Power Monitor in WCSP With 5mΩ EZShunt™ Technology
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA701 Datasheet(HTML) 5 Page - Texas Instruments

  INA701 Datasheet HTML 1Page - Texas Instruments INA701 Datasheet HTML 2Page - Texas Instruments INA701 Datasheet HTML 3Page - Texas Instruments INA701 Datasheet HTML 4Page - Texas Instruments INA701 Datasheet HTML 5Page - Texas Instruments INA701 Datasheet HTML 6Page - Texas Instruments INA701 Datasheet HTML 7Page - Texas Instruments INA701 Datasheet HTML 8Page - Texas Instruments INA701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
5.5 Electrical Characteristics
at TA = 25 °C, VS = 3.3V, ISENSE = 0A, VCM = VIN– = VBUS= 12V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
CMRR
Common-mode rejection
0V < VCM < 40V, TA = –40°C to +105°C
±1
±30
µA/V
Ios
Input offset current
TCT > 280µs
±0.190
±0.6
mA
dIos/dT
Input offset current drift
TA = –40°C to +105°C
±20
±100
µA/°C
PSRR
Input offset current vs power supply
VS = 2.7V to 5.5V, TA = –40°C to +105°C
±0.02
±0.28
mA/V
Vos_bus
VBUS offset voltage
±6.2
±15
mV
dVos/dT VBUS offset voltage drift
TA = –40°C to +105°C
±4
±40
µV/°C
PSRR
VBUS offset voltage vs power supply
VS = 2.7V to 5.5V
±1.1
mV/V
DC ACCURACY
GSERR
System current sense gain error (1)
ISENSE = 1A, TA = 25°C
±0.1
±0.5
%
ISENSE = 3A, TA = 25°C
±0.5
%
GS_DRFT System current sense gain error drift
–40°C ≤ TA ≤ 105°C
±15
±50 ppm/°C
GBERR
VBUS voltage gain error
VCM = 0V to 40V, TA = 25°C
±0.05
±0.2
%
GB_DRFT VBUS voltage gain error drift
–40°C ≤ TA ≤ 105°C
±30 ppm/°C
IBUS
VBUS leakage current
Device enabled with active conversions
12
µA
PTME
Power total measurement error (TME) TA = 25°C, VCM = 12V, ILOAD = 1A
±0.15
±0.85
%
ETME
Energy and charge TME
TA = 25°C, VCM = 12V, ILOAD = 1A
±0.25
±1.35
%
ADC resolution
16
Bits
1 LSB step size
Current
190
µA
Bus voltage
3.125
mV
Temperature
125
m°C
Power
38
µW
Energy
0.608
mJ
Charge
11.875
µC
TCT
ADC conversion-time(2)
Conversion time field = 0h
50
µs
Conversion time field = 1h
84
Conversion time field = 2h
150
Conversion time field = 3h
280
Conversion time field = 4h
540
Conversion time field = 5h
1052
Conversion time field = 6h
2074
Conversion time field = 7h
4120
INL
Integral Non-Linearity
Internal ADC
±5
m%
CLOCK SOURCE
FOSC
Internal oscillator frequency
1
MHz
OSCTOL Internal oscillator frequency tolerance
TA = 25°C
±0.07
±0.5
%
TA = –40°C to +105°C
±0.14
±1
%
www.ti.com
INA701
SBOSAM2 – AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: INA701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com