Electronic Components Datasheet Search
  English  ▼

X  

INA701 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA701
Description  INA701 40V, 16-Bit, I2C Output Digital Power Monitor in WCSP With 5mΩ EZShunt™ Technology
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA701 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA701 Datasheet HTML 5Page - Texas Instruments INA701 Datasheet HTML 6Page - Texas Instruments INA701 Datasheet HTML 7Page - Texas Instruments INA701 Datasheet HTML 8Page - Texas Instruments INA701 Datasheet HTML 9Page - Texas Instruments INA701 Datasheet HTML 10Page - Texas Instruments INA701 Datasheet HTML 11Page - Texas Instruments INA701 Datasheet HTML 12Page - Texas Instruments INA701 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
5.8 Typical Characteristics (continued)
at TA = 25°C, VVS = 3.3V, VCM = 12V, ISENSE = 0A, and VVBUS = 12V (unless otherwise noted)
Common Mode Voltage (V)
0
5
10
15
20
25
30
35
40
-75
-50
-25
0
25
50
75
Figure 5-8. Current Measurement Gain Error vs Common-Mode
Voltage
Bus Offset Voltage (mV)
-5
-4
-3
-2
-1
0
1
2
3
4
5
Figure 5-9. Bus Voltage Offset Production Distribution
Temperature ( C)
-50
-25
0
25
50
75
100
125
0
1
2
3
4
5
Figure 5-10. Bus Voltage Offset vs Temperature
Bus Gain Error (m%)
-200 -160 -120 -80
-40
0
40
80
120 160 200
Figure 5-11. Bus Voltage Gain Error Production Distribution
Temperature ( C)
-50
-25
0
25
50
75
100
125
0
25
50
75
100
125
150
175
200
Figure 5-12. Bus Voltage Gain Error vs Temperature
Common Mode Voltage (V)
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
40
Figure 5-13. Input Bias Current (IB+ + IB–) vs Common-Mode
Voltage
www.ti.com
INA701
SBOSAM2 – AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: INA701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com