Electronic Components Datasheet Search
  English  ▼

X  

INA701 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA701
Description  INA701 40V, 16-Bit, I2C Output Digital Power Monitor in WCSP With 5mΩ EZShunt™ Technology
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA701 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA701 Datasheet HTML 12Page - Texas Instruments INA701 Datasheet HTML 13Page - Texas Instruments INA701 Datasheet HTML 14Page - Texas Instruments INA701 Datasheet HTML 15Page - Texas Instruments INA701 Datasheet HTML 16Page - Texas Instruments INA701 Datasheet HTML 17Page - Texas Instruments INA701 Datasheet HTML 18Page - Texas Instruments INA701 Datasheet HTML 19Page - Texas Instruments INA701 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
The current, voltage, and temperature values are immediate results when the number of averages is set to one
(see Figure 6-7). However, when averaging is used, each ADC measurement is an intermediate result that is
stored in the corresponding averaging registers. Following every ADC sample, the newly-calculated values for
current, voltage, and temperature are appended to the corresponding averaging registers until the set number
of averages is achieved. After all of the samples have been measured, the average current and voltage is
determined, then the power is calculated and the results are loaded to the corresponding output registers where
the results can then be read.
The energy and charge values are accumulated for each conversion cycle. Therefore the INA701 averaging
function is not applied to these.
Calculations for power, charge and energy are performed in the background and do not add to the overall
conversion time.
i
v
T
i
v
i
v
i
v
i
v
i
p1
p2
p3
p4
p5
Q1 =
i1 x t1
Q.. =
i.. x t..
Q.. =
i.. x t..
Q.. =
i.. x t..
Q.. =
i.. x t..
E.. =
p.. x t..
E.. =
p.. x t..
E.. =
p.. x t..
E.. =
p.. x t..
E1 =
p1 x t2
Power register
Energy register
Charge register
T
T
T
T
ADC,
Temperature, Current,
Voltage
T
Figure 6-7. Power, Energy, and Charge Calculation Scheme
6.3.5 High-Precision Delta-Sigma ADC
The integrated ADC is a high-performance, low-offset, low-drift, delta-sigma ADC designed to support
bidirectional current flow. The measured inputs are selected through the high-voltage input multiplexer to
the ADC inputs as shown in Figure 6-6. The ADC architecture enables lower drift measurement across
temperature and consistent offset measurements across the common-mode voltage, temperature, and power
supply variations. A low-offset ADC is preferred in current sensing applications to provide a near 0V offset
voltage that maximizes the useful dynamic range of the system.
The INA701 measures the die temperature, current, and bus voltage. An internal temperature measurement is
made before each current measurement. Temperature compensation is then applied to the current measurement
to achieve low drift performance. The MODE bits in the ADC_CONFIG register permit selecting modes to
convert only the current or bus voltage to allow the user to configure the monitoring function to fit the specific
application requirements. After an ADC conversion is complete, the converted values independently update in
the corresponding registers where the values can be read through the digital interface at the time of conversion
end if no averaging is selected. The conversion time for shunt voltage, bus voltage, and temperature inputs are
set independently from 50µs to 4.12ms depending on the values programmed in the ADC_CONFIG register.
The value for current is calculated after both the temperature and shunt voltage measurements are made. The
total time to get the current measurement is the sum of the conversion times for these two parameters. Enabled
measurement inputs are converted sequentially, which means the total time to convert all inputs depends on
the conversion time for each input and the number of inputs enabled. When averaging is used, the intermediate
values are subsequently stored in an averaging accumulator, and the conversion sequence repeats until the
number of averages is reached. After all of the averaging is complete, the final values are updated in the
corresponding registers that can then be read. These values remain in the data output registers until the values
are replaced by the next fully completed conversion results. In this case, reading the data output registers does
not affect a conversion in progress.
The ADC has two conversion modes—continuous and triggered—set by the MODE bits in the ADC_CONFIG
register. In continuous-conversion mode, the ADC continuously converts the input measurements and update
the output registers as described above in an indefinite loop. In triggered-conversion mode, the ADC converts
INA701
SBOSAM2 – AUGUST 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com