Electronic Components Datasheet Search
  English  ▼

X  

INA701 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA701
Description  INA701 40V, 16-Bit, I2C Output Digital Power Monitor in WCSP With 5mΩ EZShunt™ Technology
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA701 Datasheet(HTML) 1 Page - Texas Instruments

  INA701 Datasheet HTML 1Page - Texas Instruments INA701 Datasheet HTML 2Page - Texas Instruments INA701 Datasheet HTML 3Page - Texas Instruments INA701 Datasheet HTML 4Page - Texas Instruments INA701 Datasheet HTML 5Page - Texas Instruments INA701 Datasheet HTML 6Page - Texas Instruments INA701 Datasheet HTML 7Page - Texas Instruments INA701 Datasheet HTML 8Page - Texas Instruments INA701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
INA701 40V, 16-Bit, I2C Output Digital Power Monitor in WCSP With 5mΩ EZShunt™
Technology
1 Features
• Low loss integrated shunt resistor
– Internal resistance: 5mΩ at TA = 25°C
– Current rating: ±6A at TA = 25°C
• High-resolution, 16-bit delta-sigma ADC
– Wide common-mode range: –0.3V to +40V
– Reports current, bus voltage, power, internal
temperature, energy, and charge
– Programmable conversion time and averaging
• Current monitoring accuracy:
– Total Measurement Error: ±0.5% at 1A
– Offset current: ±0.6mA (maximum)
– Gain error: ±0.5% (maximum at 1A)
– Gain error drift: ±50ppm/°C (maximum)
• Power monitoring accuracy:
– 0.85% accuracy at 1A
• Energy and Charge accuracy:
– 1.35% accuracy at 1A
• Internal monitoring and fault detection
• Precision oscillator: ±0.5% (maximum)
• 2.94MHz High-Speed I2C interface with 4 pin-
selectable addresses
• Operates from a 2.7V to 5.5V supply
– Operational current: 640µA (typical)
– Shutdown current: 5µA (maximum)
2 Applications
• Notebook computers
• Smartphones
• Industrial battery packs
• Smart network interface cards (NIC)
• Hardware accelerator cards
3 Description
The INA701 is a digital power monitor with an
integrated shunt resistor along with a 16-bit delta-
sigma ADC specifically designed for current sensing
applications. The device can measure full-scale
currents up to ±6.225A, over the common-mode
voltage range of –0.3V to +40V.
The INA701 reports current, bus voltage, die
temperature, power, energy and charge accumulation
with a precision ±0.5% integrated oscillator, all
while performing the needed calculations in the
background. The integrated temperature sensor is
±3°C accurate over the junction temperature range.
The low offset and gain error drift of the INA701
allows use in systems that do not undergo
temperature calibration during manufacturing.
The device features selectable ADC conversion
times from 50µs to 4.12ms as well as sample
averaging from 1x to 1024x, which further helps
reduce the noise of the measured data and allows for
optimization of overcurrent detection windows.
The device is available in a tiny PowerWCSP
(DSBGA) package to minimize the solution size and
maximize thermal performance.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
INA701
YWF (PowerWCSP, 8)
1.319mm × 1.239mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
Power
Current
I
2C / SMBus
Interface
Bus Voltage
GND
16 – bit
ADC
V
I
A0
ALERT
SDA
SCL
0.1µF
Temperature
VS
Supply Voltage
(2.7V to 5.5V)
Common-mode Voltage
(–0.3V to 40V)
Energy
TI Device
IN+
Charge
IN–
±0.5%
Oscillator
Alert_Diag
Shunt TC
Compensation
Registers
V
I
Simplified Block Diagram
INA701
SBOSAM2 – AUGUST 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA700 TI-INA700 Datasheet
1Mb / 43P
INA700 40-V, 16-Bit, I2C Output Digital Power Monitor in WCSP with EZShunt™ Technology
MAY 2023
INA700 TI-INA700 Datasheet
2Mb / 50P
INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology
REVISED SEPTEMBER 2023
INA700AYWFR TI-INA700AYWFR Datasheet
2Mb / 50P
INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology
REVISED SEPTEMBER 2023
INA700 TI-INA700_V01 Datasheet
2Mb / 50P
INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology
REVISED SEPTEMBER 2023
More results

Similar Description - INA701

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA237 TI-INA237 Datasheet
2Mb / 45P
INA237 85-V, 16-Bit, Precision Power Monitor With I2C Interface
INA230 TI-INA230_V01 Datasheet
2Mb / 44P
INA230 36-V, 16-Bit, I2C Output Current, Voltage and Power Monitor With Alert
DECEMBER 2021
INA700 TI-INA700 Datasheet
1Mb / 43P
INA700 40-V, 16-Bit, I2C Output Digital Power Monitor in WCSP with EZShunt™ Technology
MAY 2023
INA740A TI1-INA740A Datasheet
1Mb / 41P
INA740x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA741 TI1-INA741 Datasheet
1Mb / 40P
INA741 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA745A TI1-INA745A Datasheet
1Mb / 41P
INA745x 40 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA746 TI1-INA746 Datasheet
1Mb / 40P
INA746 40 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA780A TI1-INA780A Datasheet
1Mb / 42P
INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA781 TI1-INA781 Datasheet
1Mb / 40P
INA781 85 V, 20-Bit, Ultra-Precise I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA700 TI-INA700_V01 Datasheet
2Mb / 50P
INA700 40 V, 16-Bit, I2C Output Digital Power Monitor in WCSP with 2 mΩ EZShunt™ Technology
REVISED SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com