Electronic Components Datasheet Search
  English  ▼

X  

INA701 Datasheet(PDF) 14 Page - Texas Instruments

Part # INA701
Description  INA701 40V, 16-Bit, I2C Output Digital Power Monitor in WCSP With 5mΩ EZShunt™ Technology
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA701 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA701 Datasheet HTML 10Page - Texas Instruments INA701 Datasheet HTML 11Page - Texas Instruments INA701 Datasheet HTML 12Page - Texas Instruments INA701 Datasheet HTML 13Page - Texas Instruments INA701 Datasheet HTML 14Page - Texas Instruments INA701 Datasheet HTML 15Page - Texas Instruments INA701 Datasheet HTML 16Page - Texas Instruments INA701 Datasheet HTML 17Page - Texas Instruments INA701 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
Shunt Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
-0.25
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
3.25
Figure 6-3. Gain Error vs Shunt Current (Full Range)
6.3.2 Safe Operating Area
The power dissipated in the device limits the maximum current that can be safely handled by the device. The
current consumed to power the device is low, therefore the primary source of heating is due to the current flow
through the internal shunt resistor. The maximum safe-operating current level shown in Figure 6-4 is set so that
the heat generated in the package is limited and the internal junction temperature of the silicon does not exceed
125°C. This data is collected from an evaluation module that uses a 2-layer board with 1oz copper power planes
to the INA701 IN+ and IN– pins.
Ambient Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
0
2.5
5
7.5
10
12.5
15
Figure 6-4. Maximum Shunt Current vs Temperature
CAUTION
The INA701 has a maximum junction of 125°C which must not be exceeded. Operation above 125°C
can result in permanent damage to the device.
The current measurement capability is limited by ADC full scale range of 6.225A, even though the shunt can
withstand pulse currents greater than 6A.
In applications with overcurrent transients, the peak amplitude and duration of the overcurrent event is important
to determine the device heating. Figure 6-5 shows the peak pulse current versus pulse duration that the device
can withstand before the maximum junction temperature of 125°C is exceeded. The data shown in this curve is
collected at TA = 25°C, using the INA701 evaluation module.
INA701
SBOSAM2 – AUGUST 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com