Electronic Components Datasheet Search
  English  ▼

X  

INA701 Datasheet(PDF) 35 Page - Texas Instruments

Part # INA701
Description  INA701 40V, 16-Bit, I2C Output Digital Power Monitor in WCSP With 5mΩ EZShunt™ Technology
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA701 Datasheet(HTML) 35 Page - Texas Instruments

Back Button INA701 Datasheet HTML 31Page - Texas Instruments INA701 Datasheet HTML 32Page - Texas Instruments INA701 Datasheet HTML 33Page - Texas Instruments INA701 Datasheet HTML 34Page - Texas Instruments INA701 Datasheet HTML 35Page - Texas Instruments INA701 Datasheet HTML 36Page - Texas Instruments INA701 Datasheet HTML 37Page - Texas Instruments INA701 Datasheet HTML 38Page - Texas Instruments INA701 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
Table 7-2. INA701 Noise Performance (continued)
ADC CONVERSION TIME
PERIOD [µs]
OUTPUT SAMPLE AVERAGING
[SAMPLES]
OUTPUT SAMPLE PERIOD [ms]
NOISE-FREE ENOB
CURRENT MEASUREMENT
50
256
12.8
13.39
84
21.504
13.39
150
38.4
14.71
280
71.68
14.71
540
138.24
15.71
1052
269.312
15.71
2074
530.944
15.71
4120
1054.72
16
50
512
25.6
13.39
84
43
14.12
150
76.8
14.71
280
143.36
15.71
540
276.48
15.71
1052
538.624
15.71
2074
1061.888
16
4120
2109.44
16
50
1024
51.2
14.12
84
86.016
14.71
150
153.6
15.71
280
286.72
15.71
540
552.96
15.71
1052
1077.248
16
2074
2123.776
16
4120
4218.88
16
www.ti.com
INA701
SBOSAM2 – AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: INA701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com