Electronic Components Datasheet Search
  English  ▼

X  

INA701 Datasheet(PDF) 34 Page - Texas Instruments

Part # INA701
Description  INA701 40V, 16-Bit, I2C Output Digital Power Monitor in WCSP With 5mΩ EZShunt™ Technology
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA701 Datasheet(HTML) 34 Page - Texas Instruments

Back Button INA701 Datasheet HTML 30Page - Texas Instruments INA701 Datasheet HTML 31Page - Texas Instruments INA701 Datasheet HTML 32Page - Texas Instruments INA701 Datasheet HTML 33Page - Texas Instruments INA701 Datasheet HTML 34Page - Texas Instruments INA701 Datasheet HTML 35Page - Texas Instruments INA701 Datasheet HTML 36Page - Texas Instruments INA701 Datasheet HTML 37Page - Texas Instruments INA701 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
Table 7-2. INA701 Noise Performance
ADC CONVERSION TIME
PERIOD [µs]
OUTPUT SAMPLE AVERAGING
[SAMPLES]
OUTPUT SAMPLE PERIOD [ms]
NOISE-FREE ENOB
CURRENT MEASUREMENT
50
1
0.05
9.28
84
0.084
9.85
150
0.15
10.32
280
0.28
10.80
540
0.54
11.12
1052
1.052
11.90
2074
2.074
12.25
4120
4.12
12.54
50
4
0.2
10.01
84
0.336
10.46
150
0.6
11.39
280
1.12
11.71
540
2.16
12.39
1052
4.208
12.71
2074
8.296
13.39
4120
16.48
13.71
50
16
0.8
11.07
84
1.344
11.71
150
2.4
12.39
280
4.48
12.90
540
8.64
13.39
1052
16.832
13.71
2074
33.184
14.71
4120
65.92
14.71
50
64
3.2
11.90
84
5.376
12.90
150
9.6
13.39
280
17.92
13.71
540
34.56
14.12
1052
67.328
14.71
2074
132.736
15.71
4120
263.68
15.71
50
128
6.4
12.90
84
10.752
13.12
150
19.2
13.39
280
35.84
14.71
540
69.12
14.71
1052
134.656
15.71
2074
265.472
15.71
4120
527.36
15.71
INA701
SBOSAM2 – AUGUST 2025
www.ti.com
34
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com