Electronic Components Datasheet Search
  English  ▼

X  

INA701 Datasheet(PDF) 23 Page - Texas Instruments

Part # INA701
Description  INA701 40V, 16-Bit, I2C Output Digital Power Monitor in WCSP With 5mΩ EZShunt™ Technology
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA701 Datasheet(HTML) 23 Page - Texas Instruments

Back Button INA701 Datasheet HTML 19Page - Texas Instruments INA701 Datasheet HTML 20Page - Texas Instruments INA701 Datasheet HTML 21Page - Texas Instruments INA701 Datasheet HTML 22Page - Texas Instruments INA701 Datasheet HTML 23Page - Texas Instruments INA701 Datasheet HTML 24Page - Texas Instruments INA701 Datasheet HTML 25Page - Texas Instruments INA701 Datasheet HTML 26Page - Texas Instruments INA701 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
register indicated by the register pointer. This byte is followed by an Acknowledge from the main device; then
the secondary device transmits the least significant byte (LSB). The main device does not always acknowledge
receipt of the second data byte. The main device can end the data transfer by generating a Not-Acknowledge
after receiving any data byte, or generating a start or stop condition. Continually sending the register pointer
bytes is not necessary if repeated reads from the same register are desired. The device retains the register
pointer value until the value is changed by the next write operation.
Figure 6-12 shows the write operation timing diagram. Figure 6-13 shows the read operation timing diagram. The
following diagrams show reading and writing to 16-bit registers.
Register bytes are sent by most significant byte first, followed by the least significant byte.
Frame 1 Two-Wire Target Address Byte
Frame 2 Register Pointer Byte
Start By
Main
ACK By
Secondary
ACK By
Secondary
1
9
1
ACK By
Secondary
1
D15 D14
D13
D12 D11 D10
D9
D8
9
9
SDA
SCL
1
0
0
A1
A0
R/W
P7
P6
P5
P4
P3
P2
P1
P0
Frame 4 Data LSByte
Frame 3 Data MSByte
ACK By
Secondary
Stop By
Main
1
D7
D6
D5
D4
D3
D2
D1
D0
9
1
0
1
A.
The value of the Secondary Device Address byte is determined by the settings of the A0 address pin. See Table 6-2.
B.
The device does not support packet error checking (PEC) or perform clock stretching.
Figure 6-12. Timing Diagram for Write Word Format
Frame 1 Two-Wire Secondary Address Byte
Frame 2 Data MSByte
1
Start By
Main
ACK By
Secondary
ACK By
Main
From
Secondary
1
9
1
9
SDA
SCL
0
1
A3
R/W
D15 D14 D13
D12
D11 D10
D9
D8
A2
A1
A0
Frame 3 Data LSByte
Stop
No ACK By
Main
From
Secondary
1
9
D7
D6
D5
D4
D3
D2
D1
D0
0
1
A.
The value of the Secondary Device Address byte is determined by the settings of the A0 address pin. See Table 6-2.
B.
Read data is from the last register pointer location. If a new register is desired, the register pointer must be updated. See Figure 6-14.
C.
ACK by the main device can also be sent.
D.
The device does not support packet error checking (PEC) or perform clock stretching.
Figure 6-13. Timing Diagram for Read Word Format
Frame 1 Two-Wire Secondary Address Byte
Frame 2 Register Pointer Byte
1
Start By
Main
ACK By
Secondary
ACK By
Secondary
1
9
1
9
SDA
SCL
0
1
A1
A0
R/W
P7
P6
P5
P4
P3
P2
P1
P0
Stop
1
0
A.
The value of the Secondary Device Address Byte is determined by the settings of the A0 address pin. See Table 6-2.
Figure 6-14. Typical Register Pointer Set
6.5.1.2 High-Speed I2C Mode
When the bus is idle, both the SDA and SCL lines are pulled high by the pullup resistors. The main device
generates a start condition followed by a valid serial byte containing high-speed (HS) main device code
www.ti.com
INA701
SBOSAM2 – AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: INA701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com