Electronic Components Datasheet Search
  English  ▼

X  

INA701 Datasheet(PDF) 38 Page - Texas Instruments

Part # INA701
Description  INA701 40V, 16-Bit, I2C Output Digital Power Monitor in WCSP With 5mΩ EZShunt™ Technology
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA701 Datasheet(HTML) 38 Page - Texas Instruments

Back Button INA701 Datasheet HTML 34Page - Texas Instruments INA701 Datasheet HTML 35Page - Texas Instruments INA701 Datasheet HTML 36Page - Texas Instruments INA701 Datasheet HTML 37Page - Texas Instruments INA701 Datasheet HTML 38Page - Texas Instruments INA701 Datasheet HTML 39Page - Texas Instruments INA701 Datasheet HTML 40Page - Texas Instruments INA701 Datasheet HTML 41Page - Texas Instruments INA701 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
7.2.3 Application Curves
Figure 7-2 and Figure 7-3 show the ALERT pin response to an overcurrent fault with a conversion time of 50μs
for the temperature, shunt voltage, and bus voltage measurements with averaging set to 1. This configuration
results in a total conversion time of 150μs for all three measurements. For these scope shots, persistence was
enabled on the ALERT channel to show the variation in the alert response for many sequential fault events. The
alert response time can change depending on the value of the current before fault occurs as well as the how
much the fault condition exceeds the programmed fault threshold. Figure 7-2 shows the response time for an
overcurrent fault when the fault condition greatly exceeds the programmed threshold. While Figure 7-3 shows
the overcurrent response time when the fault slightly exceeds the programmed threshold. Variation in the alert
response exists because the external fault event is not synchronized to the internal ADC conversion start. Also
the ADC is constantly sampling to get a result, so the response time for fault events starting from zero is slower
than fault events starting from values near the set fault threshold. In applications where the alert timing is critical
for overcurrent events, the worst-case alert response is equal to 2 × tconv_current + tconv_temp + tconv_voltage + 25μs.
An additional 25μs is added to allow for background math calculations.
Figure 7-2. Alert Response Time (Sampled Values
Significantly Above Threshold)
Figure 7-3. Alert Response Time (Sampled Values
Slightly Above Threshold)
INA701
SBOSAM2 – AUGUST 2025
www.ti.com
38
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com