Electronic Components Datasheet Search
  English  ▼

X  

AMC7834 Datasheet(PDF) 2 Page - Texas Instruments

Part # AMC7834
Description  AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7834 Datasheet(HTML) 2 Page - Texas Instruments

  AMC7834 Datasheet HTML 1Page - Texas Instruments AMC7834 Datasheet HTML 2Page - Texas Instruments AMC7834 Datasheet HTML 3Page - Texas Instruments AMC7834 Datasheet HTML 4Page - Texas Instruments AMC7834 Datasheet HTML 5Page - Texas Instruments AMC7834 Datasheet HTML 6Page - Texas Instruments AMC7834 Datasheet HTML 7Page - Texas Instruments AMC7834 Datasheet HTML 8Page - Texas Instruments AMC7834 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 97 page
background image
2
AMC7834
SLAS972B – NOVEMBER 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: AMC7834
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 4
6
Specifications......................................................... 7
6.1
Absolute Maximum Ratings ...................................... 7
6.2
ESD Ratings.............................................................. 7
6.3
Recommended Operating Conditions ....................... 8
6.4
Thermal Information .................................................. 8
6.5
Electrical Characteristics—DAC Specifications ........ 9
6.6
Electrical Characteristics—ADC, Current and
Temperature Sensor Specifications......................... 11
6.7
Electrical Characteristics—General Specifications . 12
6.8
Serial Interface Timing Requirements..................... 13
6.9
Switching Characteristics—DAC Specifications...... 14
6.10
Switching Characteristics—ADC, Current and
Temperature Sensor Specifications......................... 14
6.11
Switching Characteristics—General
Specifications ........................................................... 15
6.12
Typical Characteristics .......................................... 16
7
Detailed Description ............................................ 24
7.1
Overview ................................................................. 24
7.2
Functional Block Diagram ....................................... 25
7.3
Feature Description................................................. 26
7.4
Device Functional Modes ....................................... 47
7.5
Programming........................................................... 51
7.6
Register Maps ......................................................... 52
8
Application and Implementation ........................ 77
8.1
Application Information............................................ 77
8.2
Typical Application ................................................. 78
8.3
Initialization Set Up ................................................. 82
9
Power Supply Recommendations ...................... 82
10
Layout................................................................... 82
10.1
Layout Guidelines ................................................. 82
10.2
Layout Example .................................................... 83
11
Device and Documentation Support ................. 85
11.1
Documentation Support ........................................ 85
11.2
Community Resources.......................................... 85
11.3
Trademarks ........................................................... 85
11.4
Electrostatic Discharge Caution ............................ 85
11.5
Glossary ................................................................ 85
12
Mechanical, Packaging, and Orderable
Information ........................................................... 85
4 Revision History
Changes from Revision A (April 2015) to Revision B
Page
•
deleted text from the Description of pin 1 in the Pin Functions table " If unused the pin requires a 10 k
Ω pullup
resistor to the IOVDD pin." ....................................................................................................................................................... 5
•
Added: Bipolar DACs in AVSS clamp mode To the Clamp Output Mode section of Electrical Characteristics—DAC
Specifications ....................................................................................................................................................................... 10
•
Deleted text from the Accuracy Test Conditions: "32 Samples Average" in Electrical Characteristics—ADC, Current
and Temperature Sensor Specifications ............................................................................................................................. 11
•
Added: AVDD alarm threshold to Electrical Characteristics—General Specifications .......................................................... 12
•
Changed the IIOVDD (Power-Mode 10) TYP value From: 1 µA To 1.75 µA in Electrical Characteristics—General
Specifications ....................................................................................................................................................................... 13
•
Changed the IIOVDD (Power-Mode 00) TYP value From: 0.2 µA To 1.75 µA in Electrical Characteristics—General
Specifications........................................................................................................................................................................ 13
•
Added Figure 29 .................................................................................................................................................................. 19
•
Changed Figure 45 ............................................................................................................................................................... 27
•
Added text to the itemized list in DAC Clamp Operation: "If the output buffer is inactive the clamp voltage is fixed to
AVSS.".................................................................................................................................................................................... 29
•
Added text to the end of DAC Clamp Operation: "Additionally, in the unique case..."......................................................... 29
•
Changed text in paragraph 1 of ADC Sequencing From: "The AMC7834 supports autonomous ADC conversion" To:
The AMC7834 supports autonomous and direct-mode conversions..." ............................................................................... 31
•
Change the paragraph: "Once the conversion cycle starts..." in ADC Sequencing ............................................................. 31
•
Deleted text from paragraph 3 of ADC Sequencing: "The first conversion sequence is reserved for calibration and
the corresponding ADC results should be ignored."............................................................................................................. 31
•
Added text to the last paragraph of ADC Sequencing: "In direct-mode conversion the DAV/ADC_RDY pin ... for
each channel group. "........................................................................................................................................................... 33
•
Added text to paragraph 3 of Drain Switch Control: The PA_ON signal state is also triggered by the AVDD
monitoring circuit................................................................................................................................................................... 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com