Electronic Components Datasheet Search
  English  ▼

X  

AMC7834 Datasheet(PDF) 13 Page - Texas Instruments

Part # AMC7834
Description  AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7834 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC7834 Datasheet HTML 9Page - Texas Instruments AMC7834 Datasheet HTML 10Page - Texas Instruments AMC7834 Datasheet HTML 11Page - Texas Instruments AMC7834 Datasheet HTML 12Page - Texas Instruments AMC7834 Datasheet HTML 13Page - Texas Instruments AMC7834 Datasheet HTML 14Page - Texas Instruments AMC7834 Datasheet HTML 15Page - Texas Instruments AMC7834 Datasheet HTML 16Page - Texas Instruments AMC7834 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 97 page
background image
13
AMC7834
www.ti.com
SLAS972B – NOVEMBER 2014 – REVISED MARCH 2016
Product Folder Links: AMC7834
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics—General Specifications (continued)
The electrical ratings specified in this section apply to all specifications in this document, unless otherwise noted. These
specifications are interpreted as conditions that do not degrade the device parametric or functional specifications for the life of
the product containing it. AVDD = DVDD = 5 V, AVCC = 5 V, AVSS = –5 V, IOVDD = 1.8 to 3.3 V, PAVDD = 5 V, AGND = DGND =
0 V, external 2.5 V reference, DAC output range = 0 to 5 V for all DACs, no load on the DACs, current sense inputs common
mode at 48 V, TA = –40°C to 105°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER REQUIREMENTS
IAVDD
AVDD supply current
POWER-MODE = 10.
AVDD = DVDD = 5.5 V, AVCC = 5.5 V
PAVDD = 20 V, AVSS = –5.5 V, IOVDD = 3.6 V
All monitoring channels enabled
Bipolar DACs in –5 to 0 V range
Auxiliary DACs in 0 to 5 V range
All DACs at 800h code. PA_ON in "ON" state
10
12.5
mA
IAVCC
AVCC supply current
1.5
2
mA
IAVSS
AVSS supply current
–3.5
–2.5
mA
IDVDD
DVDD supply current
2.5
3
mA
IIOVDD
IOVDD supply current
1.75
2.5
µA
IPAVDD
PAVDD supply current
170
250
µA
Power consumption
95
120.5
mW
IAVDD
AVDD supply current
POWER-MODE = 00.
AVDD = DVDD = 5.5 V, AVCC = 5.5 V
PAVDD = 20 V, AVSS = –5.5 V, IOVDD = 3.6 V
All DACs in clamp mode at 0 V
PA_ON in "OFF" state
3.5
mA
IAVCC
AVCC supply current
0.2
mA
IAVSS
AVSS supply current
–2
mA
IDVDD
DVDD supply current
2.5
mA
IIOVDD
IOVDD supply current
1.75
µA
IPAVDD
PAVDD supply current
12
µA
Power consumption
45
mW
(1)
Specified by design and characterization. Not tested during production.
(2)
SDO loaded with 10 pF load capacitance for SDO timing specifications.
6.8 Serial Interface Timing Requirements
(1) (2)
AVDD = DVDD = 5 V, AVCC = 5 V, AVSS = –5 V, PAVDD = 5 V, AGND = DGND = 0 V, external 2.5 V reference, DAC output
range = 0 to 5 V for all DACs, no load on the DACs, current sense inputs common mode at 48 V, TA = –40°C to +105°C
(unless otherwise noted)
IOVDD = 1.7 TO 2.7 V
IOVDD = 2.7 TO 3.6 V
UNIT
MIN
MAX
MIN
MAX
fSCLK
SCLK frequency
0.2
10
0.2
15
MHz
tp
SCLK period
See Figure 1 and Figure 2.
100
66.67
ns
tPH
SCLK pulse width high
40
26
ns
tPL
SCLK pulse width low
40
26
ns
tsu
SDI setup
10
10
ns
th
SDI hold
10
10
ns
t(ODZ)
SDO driven to tri-state
See Figure 2.
0
15
0
10
ns
t(OZD)
SDO tri-state to driven
0
20
0
15
ns
t(OD)
SDO output delay
0
20
0
15
ns
tsu(CS)
CS setup
See Figure 1 and Figure 2
5
5
ns
th(CS)
CS hold
20
20
ns
t(IAG)
Inter-access gap
15
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com