Electronic Components Datasheet Search
  English  ▼

X  

AMC7834 Datasheet(PDF) 6 Page - Texas Instruments

Part # AMC7834
Description  AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7834 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AMC7834 Datasheet HTML 2Page - Texas Instruments AMC7834 Datasheet HTML 3Page - Texas Instruments AMC7834 Datasheet HTML 4Page - Texas Instruments AMC7834 Datasheet HTML 5Page - Texas Instruments AMC7834 Datasheet HTML 6Page - Texas Instruments AMC7834 Datasheet HTML 7Page - Texas Instruments AMC7834 Datasheet HTML 8Page - Texas Instruments AMC7834 Datasheet HTML 9Page - Texas Instruments AMC7834 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 97 page
background image
6
AMC7834
SLAS972B – NOVEMBER 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: AMC7834
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE
DESCRIPTION
NAME
NO.
IOVDD
12
—
IO supply voltage (1.7 V to 3.6 V). This pin sets the I/O operating voltage and threshold
levels.
PAVDD
41
—
Power supply for the PA_ON control signal (4 V to 20 V).
PA_ON
40
O
PA_ON is a synchronization signal capable of driving an external PMOS switch and
controlling the flow of drain current to a power amplifier (PA) transistor. The PA_ON pin has
an internal 120 k
Ω pull-up resistor to the PAVDD pin. The maximum output voltage is set by
the PAVDD pin and limited to 20 V. For drain voltages higher than 20 V, tying the PAVDD pin
to the AVDD pins and scaling the control signal externally is recommended. The PA_ON
signal state can be set through a register write but it can also be configured to trigger
automatically in the case of an ALARM event or when any of the SLEEP signals is
activated.
REF_CMP
42
I/O
Reference compensation capacitor connection. Connect a 4.7
μF capacitor between this
pin and the AGND4 pin for ADC reference compensation.
REF_IN
20
I
Reference input to the device. This pin can be connected to the REF_OUT pin to use the
device internal reference or alternatively to an external voltage reference source.
REF_OUT
21
O
Internal voltage reference output. Connect this pin directly to the REF_IN pin to operate the
device in internal reference mode. An external buffer amplifier with a high impedance input
is required to drive an external load. This pin can be left unconnected.
RESET
5
I
Active low reset input. Logic low on this pin causes the device to perform a hardware reset.
SCLK
7
I
Serial interface clock.
SDI
9
I
Serial interface data input. Data is clocked into the input shift register on each rising edge
of the SCLK pin.
SDO
10
O
Serial interface data output. The SDO pin is in high impedance when the CS pin is high.
Data is clocked out of the input shift register on each falling edge of the SCLK pin.
SENSE1+
39
I
Current sense 1 external sense resistor power connection
SENSE1–
38
I
Current sense 1 external sense resistor load connection
SENSE2+
37
I
Current sense 2 external sense resistor power connection
SENSE2–
36
I
Current sense 2 external sense resistor load connection
SENSE3+
34
I
Current sense 3 external sense resistor power connection
SENSE3–
33
I
Current sense 3 external sense resistor load connection
SENSE4+
32
I
Current sense 4 external sense resistor power connection
SENSE4–
31
I
Current sense 4 external sense resistor load connection
SLEEP1
3
I
Active high asynchronous power down digital input 1. The power down functions of this pin
are register configurable.
SLEEP2
4
I
Active high asynchronous power down digital input 2. The power down functions of this pin
are register configurable.
VCLAMP1
30
I
Power-on reset and clamp voltage control input for bipolar DACs 1 and 2. The resulting
power-on reset (POR) and clamp voltage value is given by Equation 1.
CLAMP = –3 × VCLAMP[1:2]
(1)
VCLAMP2
29
I
Power-on reset and clamp voltage control input for bipolar DACs 3 and 4. The resulting
POR and clamp voltage value is given by Equation 1.
Thermal Pad
—
The thermal pad is located on the bottom-side of the device package. The thermal pad
should be tied to the same potential as the AVSS pin for optimal thermal dissipation.
Alternatively, the thermal pad can be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com