Electronic Components Datasheet Search
  English  ▼

X  

AMC7834 Datasheet(PDF) 34 Page - Texas Instruments

Part # AMC7834
Description  AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7834 Datasheet(HTML) 34 Page - Texas Instruments

Back Button AMC7834 Datasheet HTML 30Page - Texas Instruments AMC7834 Datasheet HTML 31Page - Texas Instruments AMC7834 Datasheet HTML 32Page - Texas Instruments AMC7834 Datasheet HTML 33Page - Texas Instruments AMC7834 Datasheet HTML 34Page - Texas Instruments AMC7834 Datasheet HTML 35Page - Texas Instruments AMC7834 Datasheet HTML 36Page - Texas Instruments AMC7834 Datasheet HTML 37Page - Texas Instruments AMC7834 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 97 page
background image
4096
Code
Negative Temperature ( C)
4
q
Code
Positive Temperature ( C)
4
q
34
AMC7834
SLAS972B – NOVEMBER 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: AMC7834
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7.3.3 Temperature Sensors
The AMC7834 device includes one on-chip and two remote temperature sensors. The temperature sensors
monitor the three temperature inputs. The on-chip integrated temperature sensor measures the device
temperature and two remote diode-sensor inputs measure two external temperature points. All three
temperature-sensor results are converted by the device ADC and stored in two’s complement format. If any
sensor is not used, it can be disabled in the register configuration. When any of the temperature sensors is
disabled it is not converted by the ADC.
7.3.3.1 Internal Temperature Sensor
The AMC7834 device has an on-chip temperature sensor that measures the device die temperature. The
temperature-sensor results are converted by the device ADC (see the Analog-to-Digital Converter (ADC) section
for more information). If internal temperature sensor conversion is not needed, it can be disabled in the ADC
MUX register (address 0x12). When disabled the temperature sensor output is not converted by the ADC.
The temperature sensor provides 0.25°C resolution over the device operating temperature range. Additionally,
the AMC7834 internal temperature sensor is specified monotonic down to –55°C. The temperature value is
stored in 12-bit two’s complement format in the LT-data register (address 0x2D).
Table 3. Temperature Sensor Data Format
TEMPERATURE (°C)
DIGITAL CODE
–55
1111 0010 0100
–40
1111 0110 0000
–25
1111 1001 1100
–10
1111 1101 1000
–0.25
1111 1111 1111
0
0000 0000 0000
0.25
0000 0000 0001
10
0000 0010 1000
25
0000 0110 0100
50
0000 1100 1000
75
0001 0010 1100
100
0001 1001 0000
105
0001 1010 0100
125
0001 1111 0100
Use Equation 4 and Equation 5 to calculate the positive or negative temperature according to the polarity of the
temperature data MSB (0 = positive, 1 = negative).
(4)
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com