Electronic Components Datasheet Search
  English  ▼

X  

AMC7834 Datasheet(PDF) 10 Page - Texas Instruments

Part # AMC7834
Description  AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7834 Datasheet(HTML) 10 Page - Texas Instruments

Back Button AMC7834 Datasheet HTML 6Page - Texas Instruments AMC7834 Datasheet HTML 7Page - Texas Instruments AMC7834 Datasheet HTML 8Page - Texas Instruments AMC7834 Datasheet HTML 9Page - Texas Instruments AMC7834 Datasheet HTML 10Page - Texas Instruments AMC7834 Datasheet HTML 11Page - Texas Instruments AMC7834 Datasheet HTML 12Page - Texas Instruments AMC7834 Datasheet HTML 13Page - Texas Instruments AMC7834 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 97 page
background image
10
AMC7834
SLAS972B – NOVEMBER 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: AMC7834
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics—DAC Specifications (continued)
The electrical ratings specified in this section apply to all specifications in this document, unless otherwise noted. These
specifications are interpreted as conditions that do not degrade the device parametric or functional specifications for the life of
the product containing it. AVDD = DVDD = 5 V, AVCC = 5 V, AVSS = –5 V, IOVDD = 3.3 V, PAVDD = 5 V, AGND = DGND = 0 V,
external 2.5 V reference, DAC output range = 0 to 5 V for all DACs, no load on the DACs, current sense inputs common
mode at 48 V, TA = –40°C to +105°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
The output voltage must not be greater than AVDD or lower than AVSS. A minimum of 100 mV headroom from AVDD is required.
(2)
The output voltage must not be greater than AVCC or lower than AGND. A minimum of 100 mV headroom from AVCC is required.
(3)
If all channels are simultaneously loaded, care must be taken to ensure the thermal conditions for the device are not exceeded.
(4)
To be sampled during initial release to ensure compliance; not subject to production testing.
DAC OUTPUT CHARACTERISTICS
Bipolar DAC range(1)
DACn_range set to 00
–4
1
V
DACn_range set to 01
–5
0
DACn_range set to 10
–5
0
DACn_range set to 11
0
5
Auxiliary DAC range(2)
AUXDACn_range set to 0
0
5
V
AUXDACn_range set to 1
2.5
7.5
Short-circuit current
Bipolar DACs: Full-scale current shorted to AVSS or
AVDD
Auxiliary DACs: Full-scale current shorted to AGND or
AVCC
45
mA
Load current(3)
Bipolar DACs: Source or sink with 300 mV headroom
from AVDD or AVSS, voltage drop < 25 mV
Auxiliary DACs: Source or sink with 300 mV headroom
from AVCC or AGND, voltage drop < 25 mV
±10
mA
Maximum capacitive
load(4)
All DAC outputs. RL = ∞
0
10
nF
DC output impedance
All DAC outputs. Code set to 800h, ±10 mA
1
Ω
Glitch energy
All DAC outputs. Transition: Code 7FFh to 800h; 800h to
7FFh
1
nV-s
Output noise
Auxiliary DACs. 1 kHz, code 800h
200
nV/
√Hz
Bipolar DACs. 1 kHz, code 800h
100
Auxiliary DACs. Integrated noise from 0.1 Hz to 10 Hz,
code 800h
20
µVPP
Bipolar DACs. Integrated noise from 0.1 Hz to 10 Hz,
code 800h
10
CLAMP OUTPUT MODE
VCLAMP [1:2] voltage
range
0
–AVSS / 3
V
VCLAMP [1:2] input
current
±0.5
µA
Clamp output voltage
Bipolar DACs. Clamp voltage = –3 × VCLAMP[1:2]
AVSS
0
V
Auxiliary DACs
AGND
Clamp output current
Bipolar DACs. Source, sink, or both with 300-mV
headroom from AVSS, voltage drop < 25 mV
±10
mA
Clamp pull-down
resistance
Auxiliary DACs. Measured to AGND
9
k
Ω
Bipolar DACs. VCLAMP buffers inactive (AVSS clamp
mode). Measured to AVSS
550
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com