Electronic Components Datasheet Search
  English  ▼

X  

AMC7834 Datasheet(PDF) 12 Page - Texas Instruments

Part # AMC7834
Description  AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7834 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AMC7834 Datasheet HTML 8Page - Texas Instruments AMC7834 Datasheet HTML 9Page - Texas Instruments AMC7834 Datasheet HTML 10Page - Texas Instruments AMC7834 Datasheet HTML 11Page - Texas Instruments AMC7834 Datasheet HTML 12Page - Texas Instruments AMC7834 Datasheet HTML 13Page - Texas Instruments AMC7834 Datasheet HTML 14Page - Texas Instruments AMC7834 Datasheet HTML 15Page - Texas Instruments AMC7834 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 97 page
background image
12
AMC7834
SLAS972B – NOVEMBER 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: AMC7834
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Not tested during production. Specified by design and characterization.
6.7 Electrical Characteristics—General Specifications
The electrical ratings specified in this section apply to all specifications in this document, unless otherwise noted. These
specifications are interpreted as conditions that do not degrade the device parametric or functional specifications for the life of
the product containing it. AVDD = DVDD = 5 V, AVCC = 5 V, AVSS = –5 V, IOVDD = 1.8 to 3.3 V, PAVDD = 5 V, AGND = DGND =
0 V, external 2.5 V reference, DAC output range = 0 to 5 V for all DACs, no load on the DACs, current sense inputs common
mode at 48 V, TA = –40°C to 105°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EXTERNAL REFERENCE INPUT
VREF_IN
Input voltage range
REF_IN pin
2.5
V
Input current
VREF_IN = 2.5 V
1
100
µA
DAC reference buffer offset
TA = 25°C
±5
mV
ADC reference buffer offset
TA = 25°C
±5
mV
INTERNAL REFERENCE
Output voltage
TA = 25°C, REF_OUT pin
2.4925
2.5
2.5075
V
Reference temperature
coefficient
10
35
ppm/°C
Output voltage noise
1 kHz
260
nV/
√Hz
Integrated noise from 0.1 Hz to 10 Hz
13
µVPP
PA_ON OUTPUT
PA_ON output voltage
PAVDD ≤ 20 V
AGND
PAVDD
V
SUPPLY ALARMS(1)
AVSS alarm threshold
–4.4
–4.1
–3.8
V
AVDD alarm threshold
3.4
3.9
4.4
V
DIGITAL LOGIC(1)
VIH
High-level input voltage
IOVDD = 1.7 V to 3.6 V
0.7 ×
IOVDD
V
VIL
Low-level input voltage
IOVDD = 1.7 V to 3.6 V
0.3 ×
IOVDD
V
Vhys
Hysteresis voltage
IOVDD = 1.7 V to 3.6 V
0.1 ×
IOVDD
V
VOH
High-level output voltage
SDO and DAV/ADC_RDY. IOVDD = 1.7 V,
I(LOAD) = 1 mA
IOVDD –
0.4
V
VOL
Low-level output voltage
IOVDD = 1.7 V to 3.6 V, I(LOAD) = –1 mA
0.4
V
High impedance leakage
±0.5
µA
High impedance output
capacitance
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com