Electronic Components Datasheet Search
  English  ▼

X  

AMC7834 Datasheet(PDF) 59 Page - Texas Instruments

Part # AMC7834
Description  AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7834 Datasheet(HTML) 59 Page - Texas Instruments

Back Button AMC7834 Datasheet HTML 55Page - Texas Instruments AMC7834 Datasheet HTML 56Page - Texas Instruments AMC7834 Datasheet HTML 57Page - Texas Instruments AMC7834 Datasheet HTML 58Page - Texas Instruments AMC7834 Datasheet HTML 59Page - Texas Instruments AMC7834 Datasheet HTML 60Page - Texas Instruments AMC7834 Datasheet HTML 61Page - Texas Instruments AMC7834 Datasheet HTML 62Page - Texas Instruments AMC7834 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 97 page
background image
59
AMC7834
www.ti.com
SLAS972B – NOVEMBER 2014 – REVISED MARCH 2016
Product Folder Links: AMC7834
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7.6.3.5 DAC Sync Register (address = 0x15) [reset = 0x0000]
Figure 75. DAC Sync Register (R/W)
15
14
13
12
11
10
9
8
Reserved
R/W-00h
7
6
5
4
3
2
1
0
AUXDAC4-
SYNC
AUXDAC3-
SYNC
AUXDAC2-
SYNC
AUXDAC1-
SYNC
DAC4-SYNC
DAC3-SYNC
DAC2-SYNC
DAC1-SYNC
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 22. DAC Sync Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
Reserved
R/W
0x00
Reserved for factory use.
7
AUXDAC4-SYNC
R/W
0
When set to 1 the corresponding DAC output is set to
synchronous-mode.
When cleared to 0 the corresponding DAC output is set to
asynchronous-mode.
In closed-loop mode DAC1, DAC2, DAC3 and DAC4 are always
in asynchronous-mode.
6
AUXDAC3-SYNC
R/W
0
5
AUXDAC2-SYNC
R/W
0
4
AUXDAC1-SYNC
R/W
0
3
DAC4-SYNC
R/W
0
2
DAC3-SYNC
R/W
0
1
DAC2-SYNC
R/W
0
0
DAC1-SYNC
R/W
0
7.6.3.6 DAC Range Register (address = 0x16) [reset = 0x0000]
Figure 76. DAC Range Register (R/W)
15
14
13
12
11
10
9
8
Reserved
R/W-00h
7
6
5
4
3
2
1
0
AUXDAC4-
RANGE
AUXDAC3-
RANGE
AUXDAC2-
RANGE
AUXDAC1-
RANGE
DAC34-RANGE[1:0]
DAC12-RANGE[1:0]
R/W-0
R/W-0
R/W-0
R/W-0
R/W-00
R/W-00
Table 23. DAC Range Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
Reserved
R/W
0x00
Reserved for factory use.
7
AUXDAC4-RANGE
R/W
0
When cleared to 0 the corresponding AUXDAC output range is 0
to 5 V.
When set to 1 the corresponding AUXDAC output range is 2.5 to
7.5 V.
6
AUXDAC3-RANGE
R/W
0
5
AUXDAC2-RANGE
R/W
0
4
AUXDAC1-RANGE
R/W
0
3-2
DAC34-RANGE[1:0]
R/W
00
Sets the bipolar DAC output range. Use the following
configurations for the DAC output range:
00: –4 to 1 V
01: –5 to 0 V
10: –5 to 0 V
11: 0 to 5 V
1–0
DAC12-RANGE[1:0]
R/W
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com