Electronic Components Datasheet Search
  English  ▼

X  

AMC7834 Datasheet(PDF) 5 Page - Texas Instruments

Part # AMC7834
Description  AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7834 Datasheet(HTML) 5 Page - Texas Instruments

  AMC7834 Datasheet HTML 1Page - Texas Instruments AMC7834 Datasheet HTML 2Page - Texas Instruments AMC7834 Datasheet HTML 3Page - Texas Instruments AMC7834 Datasheet HTML 4Page - Texas Instruments AMC7834 Datasheet HTML 5Page - Texas Instruments AMC7834 Datasheet HTML 6Page - Texas Instruments AMC7834 Datasheet HTML 7Page - Texas Instruments AMC7834 Datasheet HTML 8Page - Texas Instruments AMC7834 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 97 page
background image
5
AMC7834
www.ti.com
SLAS972B – NOVEMBER 2014 – REVISED MARCH 2016
Product Folder Links: AMC7834
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
ADC1
48
I
Analog inputs channels. These channels are used for general monitoring. The input range
of these pins is 0 to Vref.
ADC2
47
I
ADC3
46
I
ADC4
45
I
AGND1
17
—
Analog ground. These pins are the ground reference point for all analog circuitry on the
device. Connect the AGND1, AGND2, AGND3, and AGND4 pins to the same potential
(AGND). Ideally, the analog and digital grounds should be at the same potential (GND) and
must not differ by more than ±0.3 V.
AGND2
22
—
AGND3
35
—
AGND4
43
—
ALARMOUT
2
O
ALARMOUT is an open drain global alarm output. An external 10 k
Ω pullup resistor to a
voltage no higher than AVDD is required. The ALARMOUT output polarity is defined through
the ALARMOUT-POLARITY bit in register 0x1B. The default polarity is active low.
AUXDAC1
15
O
Auxiliary DAC Outputs. The power-on-reset and clamp voltage for these DACs is always
AGND.
AUXDAC2
16
O
AUXDAC3
18
O
AUXDAC4
19
O
AVCC
14
—
Positive analog power supply for the auxiliary DACs.
AVDD1
26
—
Analog supply voltage (4.5 V to 5.5 V). Connect the AVDD1 and AVDD2 pins to the same
potential (AVDD). These pins must have the same value as the DVDD pin.
AVDD2
44
—
AVSS
25
—
Lowest potential in the system. This pin is typically tied to a negative supply voltage. If all
the bipolar DACs are set to operate in positive output ranges can be connected to the
analog ground.
CS
8
I
Active low serial data enable. This input is the frame synchronization signal for the serial
data. When this signal goes low, it enables the serial interface input shift register.
D1+
52
I
Remote temperature sensor D1. This pin is a positive input when D1 is enabled. This pin
can be left unconnected if unused.
D1–
51
I
Remote temperature sensor D1. This pin is a negative input when D1 is enabled. This pin
can be left unconnected if unused. Pins D1– and D2– are internally shorted.
D2+
50
I
Remote temperature sensor D2. This pin is a positive input when D2 is enabled. This pin
can be left unconnected if unused.
D2–
49
I
Remote temperature sensor D2. This pin is a negative input when D2 is enabled. This pin
can be left unconnected if unused. Pins D1– and D2– are internally shorted.
DAC1
23
O
Bipolar DAC outputs 1 and 2. These DACs share the same range and clamp voltage.
DAC2
24
O
DAC3
27
O
Bipolar DAC outputs 3 and 4. These DACs share the same range and clamp voltage.
DAC4
28
O
DACTRIG
6
I
DAC trigger active low control input. When the DACTRIG pin is low, the contents of the
DAC data registers are transferred to the DAC active registers. The DAC outputs update
only after the DAC active registers have been loaded. This pin is only operational in open
loop current sensing mode.
DAV/ADC_RDY
1
O
The DAV/ADC_RDY pin is in high-impedance mode by default and must be enabled
through the DAVPIN-EN bit in register 0x11 to access the DAV or ADC_RDY functionality.
DAV is an active low ADC synchronization signal. A 20 µs pulse (active low) on this pin is
used to indicate the end of a conversion sequence. Alternatively the pin can be set to
operate as ADC_RDY through the DAVPIN-SEL bit in register 0x11. ADC_RDY is an active
high synchronization signal used to indicate when the ADC is in the READY state.
DGND
11
—
Digital ground. This pin is the ground reference point for all digital circuitry on the device.
Ideally, the analog and digital grounds should be at the same potential (GND) and must not
differ by more than ±0.3 V.
DVDD
13
—
Digital supply voltage (4.5 V to 5.5 V). This pin must be the same value as the AVDD pins.
GPIO1
56
I/O
General-purpose digital I/Os. These pins are bidirectional open-drain, digital I/Os and
requires an external 10 k
Ω pullup resistor to a voltage no higher than AVDD. If unused, the
GPIO pins should be connected to ground.
GPIO2
55
I/O
GPIO3
54
I/O
GPIO4
53
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com