Electronic Components Datasheet Search
  English  ▼

X  

AMC7834 Datasheet(PDF) 32 Page - Texas Instruments

Part # AMC7834
Description  AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7834 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AMC7834 Datasheet HTML 28Page - Texas Instruments AMC7834 Datasheet HTML 29Page - Texas Instruments AMC7834 Datasheet HTML 30Page - Texas Instruments AMC7834 Datasheet HTML 31Page - Texas Instruments AMC7834 Datasheet HTML 32Page - Texas Instruments AMC7834 Datasheet HTML 33Page - Texas Instruments AMC7834 Datasheet HTML 34Page - Texas Instruments AMC7834 Datasheet HTML 35Page - Texas Instruments AMC7834 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 97 page
background image
LT
CS[1-4]
CS-FILTER = 000
ADCEXT1
CAL
RT1
RT-SET = 000
ADCEXT2
ADCEXT3
ADCEXT4
ADCINT1
CAL
ADCINT2
ADCINT3
ADCINT4
ADCEXT1
CAL
ADCEXT2
ADCINT3
ADCINT4
RT2
RT-SET = 000
.
.
.
.
.
.
.
.
.
.
ADCEXT1
CAL
ADCEXT2
.
.
.
.
.
.
.
.
.
.
ADCINT2
ADCINT3
ADCINT4
ADCINT2
1
2
3
4
5
6
7
8
9
10
11
12
49
50
48
13
14
to
47
51
52
89
90
88
53
54
to
87
200 µs
1 ms
1 ms
8 ms
8 ms
CS[1-4]
CS-FILTER = 000
CS[1-4]
CS-FILTER = 000
CS[1-4]
CS-FILTER = 000
CS[1-4]
CS-FILTER = 000
CS[1-4]
CS-FILTER = 000
CS[1-4]
CS-FILTER = 000
CS[1-4]
CS-FILTER = 000
CS[1-4]
CS-FILTER = 000
CS[1-4]
CS-FILTER = 000
CS[1-4]
CS-FILTER = 000
CS[1-4]
CS-FILTER = 000
CS[1-4]
CS-FILTER = 000
CS[1-4]
CS-FILTER = 000
CS[1-4]
CS-FILTER = 000
CS[1-4]
CS-FILTER = 000
CS[1-4]
CS-FILTER = 000
CS[1-4]
CS-FILTER = 000
CS[1-4]
CS-FILTER = 000
CS[1-4]
CS-FILTER = 000
CS[1-4]
CS-FILTER = 000
CS[1-4]
CS-FILTER = 000
CURRENT
SLOT
VOLTAGE
SLOT
TEMPERATURE
SLOT
24 µs
16 µs
160 µs
32
AMC7834
SLAS972B – NOVEMBER 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: AMC7834
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Figure 48. ADC General Interleaved Sequence
Each ADC interleave step takes 200 µs and is segmented intro three sensing slots: temperature, voltage and
current. The temperature slot is 24 µs long and allocates the temperature sensing channel conversions (internal
temperature sensor and two remote temperature sensors) following the order LT
→ RT1 → RT2 → LT → ... If
one of the temperature channels is not selected for conversion it is skipped. For example, if RT1 is not selected
for conversion, the temperature slot conversion sequence is LT
→ RT2 → LT → ... Figure 48 illustrates the
conversion sequence for the lowest remote temperature sensor update time, which is configured by setting RT-
SET[2:0] = 000 in register 0x10. If a longer temperature sensor is selected to improve measurement accuracy a
higher number of interleave steps is allocated for the remote temperature sensors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com