Electronic Components Datasheet Search
  English  ▼

X  

AMC7834 Datasheet(PDF) 64 Page - Texas Instruments

Part # AMC7834
Description  AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7834 Datasheet(HTML) 64 Page - Texas Instruments

Back Button AMC7834 Datasheet HTML 60Page - Texas Instruments AMC7834 Datasheet HTML 61Page - Texas Instruments AMC7834 Datasheet HTML 62Page - Texas Instruments AMC7834 Datasheet HTML 63Page - Texas Instruments AMC7834 Datasheet HTML 64Page - Texas Instruments AMC7834 Datasheet HTML 65Page - Texas Instruments AMC7834 Datasheet HTML 66Page - Texas Instruments AMC7834 Datasheet HTML 67Page - Texas Instruments AMC7834 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 97 page
background image
64
AMC7834
SLAS972B – NOVEMBER 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: AMC7834
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7.6.4.5 ALARMOUT Configuration Register (address = 0x1B) [reset = 0x0000]
Figure 81. ALARMOUT Configuration Register (R/W)
15
14
13
12
11
10
9
8
ALARM-
LATCH-DIS
ALARMOUT-
POLARITY
ADCINT/CS-
SELECT
DAC34LOOP-
ALARMEN
DAC12LOOP-
ALARMEN
AVSS-
ALARMEN
RT2-HIGH-
ALARMEN
RT2-LOW-
ALARMEN
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
7
6
5
4
3
2
1
0
RT1-HIGH-
ALARMEN
RT1-LOW-
ALARMEN
LT-HIGH-
ALARMEN
LT-LOW-
ALARMEN
ADCINT4/CS4-
ALARMEN
ADCINT3/CS3-
ALARMEN
ADCINT2/CS2-
ALARMEN
ADCINT1/CS1-
ALARMEN
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 28. ALARMOUT Configuration Field Descriptions
Bit
Field
Type
Reset
Description
15
ALARM-LATCH-DIS
R/W
0
Alarm latch disable bit.
When cleared to 0 the alarm bits are latched. When an alarm
occurs, the corresponding alarm bit is set to 1. The alarm bit
remains until the error condition subsides and the alarm register
is read. Before reading, the alarm bit is not cleared even if the
alarm condition disappears.
When set to 1 the alarm bits are not latched. When the alarm
condition subsides, the alarm bits are cleared regardless of
whether the alarm bits have been read or not.
14
ALARMOUT-POLARITY
R/W
0
ALARMOUT polarity bit.
When cleared to 0 the ALARMOUT pin is active low.
When set to 1 the ALARMOUT pin is active high.
13
ADCINT/CS-SELECT
R/W
0
When cleared to 0 the threshold values in registers 0x40 to 0x47
apply to ADC inputs ADCINT[1–4]. This setting should be used
for closed-loop mode operation.
When set to 1 the threshold values in registers 0x40 to 0x47
apply to current sense measurements CS[1–4]. This setting
should be used for open-loop mode operation.
12
DAC34LOOP-ALARMEN
R/W
0
These bits select the alarm events that trigger the ALARMOUT
pin.
When set to 1 an alarm event associated with the corresponding
bit will trigger the ALARMOUT pin.
When cleared to 0 an alarm event associated with the
corresponding bit does not affect the ALARMOUT pin.
11
DAC12LOOP-ALARMEN
R/W
0
10
AVSS-ALARMEN
R/W
0
9
RT2-HIGH-ALARMEN
R/W
0
8
RT2-LOW-ALARMEN
R/W
0
7
RT1-HIGH-ALARMEN
R/W
0
6
RT1-LOW-ALARMEN
R/W
0
5
LT-HIGH-ALARMEN
R/W
0
4
LT-LOW-ALARMEN
R/W
0
3
ADCINT4/CS4-ALARMEN
R/W
0
2
ADCINT3/CS3-ALARMEN
R/W
0
1
ADCINT2/CS2-ALARMEN
R/W
0
0
ADCINT1/CS1-ALARMEN
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com