Electronic Components Datasheet Search
  English  ▼

X  

AMC7834 Datasheet(PDF) 76 Page - Texas Instruments

Part # AMC7834
Description  AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7834 Datasheet(HTML) 76 Page - Texas Instruments

Back Button AMC7834 Datasheet HTML 72Page - Texas Instruments AMC7834 Datasheet HTML 73Page - Texas Instruments AMC7834 Datasheet HTML 74Page - Texas Instruments AMC7834 Datasheet HTML 75Page - Texas Instruments AMC7834 Datasheet HTML 76Page - Texas Instruments AMC7834 Datasheet HTML 77Page - Texas Instruments AMC7834 Datasheet HTML 78Page - Texas Instruments AMC7834 Datasheet HTML 79Page - Texas Instruments AMC7834 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 97 page
background image
76
AMC7834
SLAS972B – NOVEMBER 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: AMC7834
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7.6.13 GPIO: Address 0x58
7.6.13.1 GPIO Register (address = 0x58) [reset = 0x000F]
Figure 102. GPIO Register (R/W)
15
14
13
12
11
10
9
8
Reserved
R/W-00h
7
6
5
4
3
2
1
0
Reserved
GPIO4
GPIO3
GPIO2
GPIO1
R/W-0h
R/W-1
R/W-1
R/W-1
R/W-1
Table 49. GPIO Register Field Descriptions
Bit
Field
Type
Reset
Description
15-4
Reserved
R/W
All zeros
Reserved for factory use
3
GPIO4
R/W
1
For write operations the GPIO pin operates as an output. Writing
a 1 to the GPIOn bit sets the GPIOn pin to high impedance.
Writing a 0 sets the GPIOn pin to logic low. An external pullup
resistor is required when using the GPIO as an output.
For read operations the GPIO pin operates as an input. Read
the GPIOn bit to receive the status of the GPIOn pin.
After power-on reset, or any forced hardware or software reset,
the GPIOn pin is in a high-impedance state.
2
GPIO3
R/W
1
1
GPIO2
R/W
1
0
GPIO1
R/W
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com