Electronic Components Datasheet Search
  English  ▼

X  

AMC7834 Datasheet(PDF) 11 Page - Texas Instruments

Part # AMC7834
Description  AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7834 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AMC7834 Datasheet HTML 7Page - Texas Instruments AMC7834 Datasheet HTML 8Page - Texas Instruments AMC7834 Datasheet HTML 9Page - Texas Instruments AMC7834 Datasheet HTML 10Page - Texas Instruments AMC7834 Datasheet HTML 11Page - Texas Instruments AMC7834 Datasheet HTML 12Page - Texas Instruments AMC7834 Datasheet HTML 13Page - Texas Instruments AMC7834 Datasheet HTML 14Page - Texas Instruments AMC7834 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 97 page
background image
11
AMC7834
www.ti.com
SLAS972B – NOVEMBER 2014 – REVISED MARCH 2016
Product Folder Links: AMC7834
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Input range for all monitoring inputs must be met for accuracy specifications to apply.
(2)
Not tested during production. Specified by design and characterization.
6.6 Electrical Characteristics—ADC, Current and Temperature Sensor Specifications
The electrical ratings specified in this section apply to all specifications in this document, unless otherwise noted. These
specifications are interpreted as conditions that do not degrade the device parametric or functional specifications for the life of
the product containing it. AVDD = DVDD = 5 V, AVCC = 5 V, AVSS = –5 V, IOVDD = 1.8 to 3.3 V, PAVDD = 5 V, AGND = DGND =
0 V, external 2.5 V reference, DAC output range = 0 to 5 V for all DACs, no load on the DACs, current sense inputs common
mode at 48 V, TA = –40°C to +105°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EXTERNAL ANALOG INPUTS (ADC1, ADC2, ADC3 and ADC4)
Resolution
12
Bits
INL
Integral nonlinearity
±0.5
±1
LSB
DNL
Differential nonlinearity
Specified monotonic
±0.5
±1
LSB
Offset error
±0.3
±4.5
LSB
Offset error match
±1
LSB
Gain error
±0.3
±4
LSB
Gain error match
±1
LSB
Full-scale input range(1)
0
Vref
V
Input capacitance
48
pF
DC-input leakage current
Unselected ADC input
±2
µA
INTERNAL MONITORING INPUTS (BIPOLAR DAC-OUTPUT MONITORING)
Full scale input range(1)
–5
2.5
V
Resolution
LSB size
1.83
mV
CURRENT-SENSE INPUTS
Common mode voltage
4
60
V
Full scale sense voltage(1)
SENSEn+ – SENSEn-
0
200
mV
Input resistance
Per current sense input terminal
192
k
Ω
Gain accuracy
±0.1%
±1%
Input offset error
CS-FILTER[2:0] = 100
Common mode voltage = 4 V
±50
±500
µV
CMRR
CS-FILTER[2:0] = 100
80
dB
Resolution
LSB size
48.83
µV
TEMPERATURE SENSOR: INTERNAL
Operating range(1)(2)
Specified monotonic over entire range.
–55
125
°C
Accuracy(2)
TJ = –40°C to 125°C
±3
°C
Resolution
LSB size
TJ = –40°C to 125°C
0.25
°C
TEMPERATURE SENSOR: EXTERNAL (USING 2N3906 EXTERNAL TRANSISTOR)
Operating range(1)(2)
–55
150
°C
Accuracy(2)
RT-SET[2:0] = 011, CS-FILTER[2:0] = 100
TA = –40°C to 125°C, T(DIODE) = –40°C to 150°C
±3
°C
Resolution
LSB size
TA = –40°C to 125°C, T(DIODE) = –40°C to 150°C
0.25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com