Electronic Components Datasheet Search
  English  ▼

X  

AMC7834 Datasheet(PDF) 24 Page - Texas Instruments

Part # AMC7834
Description  AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7834 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AMC7834 Datasheet HTML 20Page - Texas Instruments AMC7834 Datasheet HTML 21Page - Texas Instruments AMC7834 Datasheet HTML 22Page - Texas Instruments AMC7834 Datasheet HTML 23Page - Texas Instruments AMC7834 Datasheet HTML 24Page - Texas Instruments AMC7834 Datasheet HTML 25Page - Texas Instruments AMC7834 Datasheet HTML 26Page - Texas Instruments AMC7834 Datasheet HTML 27Page - Texas Instruments AMC7834 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 97 page
background image
24
AMC7834
SLAS972B – NOVEMBER 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: AMC7834
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The AMC7834 is a highly-integrated analog-monitoring and control solution for power-amplifier (PA) biasing
capable of current, temperature, and voltage supervision. The AMC7834 integrates the following features:
•
Eight, 12-bit digital-to-analog converters (DACs) with programmable output ranges
–
Four bipolar DACs with selectable output ranges: –4 to 1 V, –5 to 0 V, and 0 to 5 V
–
The clamp and power-on-reset (POR) voltage for these DACs is pin-configurable.
–
Four auxiliary DACs with selectable output ranges: 0 to 5 V and 2.5 to 7.5 V
–
The clamp and POR voltage for these DACs is fixed to AGND.
–
The DACs can be configured to clamp automatically upon detection of an alarm event.
•
A multi-channel, 12-bit analog-to-digital converter (ADC) for voltage, temperature, and current sensing
–
Four external analog inputs: 0 to 2.5 V
–
Four internal inputs for monitoring the bipolar DAC outputs
–
Programmable threshold detectors
•
Four high-side current-sense amplifiers
–
Common mode voltages from 4 V up to 60 V
–
The current sensors can optionally be set to operate as part of four independent closed-loop drain-current
controllers
•
Temperature sensing capabilities
–
On-chip temperature sensor
–
Two remote temperature sensor diode drivers
•
Four general-purpose I/O (GPIO) ports
•
Internal 2.5 V precision reference
–
The device can operate from an internal reference. Alternatively an external reference can be used.
•
Four-wire SPI-compatible interface supporting 1.7 to 3.6 V operation
The AMC7834 device is characterized for operation over the temperature range of –40ºC to 125ºC which makes
the device suitable for harsh-condition applications. The device is available in an 8-mm × 8-mm 56-pin VQFN
PowerPAD package.
The AMC7834 high-integration makes it an ideal all-in-one, low-cost, bias-control circuit for the PAs found in
multi-channel RF communication systems. The flexible DAC output ranges allow the device to be used as a
biasing solution for a large variety of transistor technologies such as LDMOS, GaAs, and GaN. The AMC7834
feature set is similarly beneficial in general-purpose monitor and control systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com