Electronic Components Datasheet Search
  English  ▼

X  

AMC7834 Datasheet(PDF) 62 Page - Texas Instruments

Part # AMC7834
Description  AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7834 Datasheet(HTML) 62 Page - Texas Instruments

Back Button AMC7834 Datasheet HTML 58Page - Texas Instruments AMC7834 Datasheet HTML 59Page - Texas Instruments AMC7834 Datasheet HTML 60Page - Texas Instruments AMC7834 Datasheet HTML 61Page - Texas Instruments AMC7834 Datasheet HTML 62Page - Texas Instruments AMC7834 Datasheet HTML 63Page - Texas Instruments AMC7834 Datasheet HTML 64Page - Texas Instruments AMC7834 Datasheet HTML 65Page - Texas Instruments AMC7834 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 97 page
background image
62
AMC7834
SLAS972B – NOVEMBER 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: AMC7834
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
7.6.4.3 SLEEP2 Configuration Register (address = 0x19) [reset = 0xFF00]
Figure 79. SLEEP2 Configuration Register (R/W)
15
14
13
12
11
10
9
8
Reserved
PAON-
SNOOZE2
AUXDAC4-
SNOOZE2
AUXDAC3-
SNOOZE2
AUXDAC2-
SNOOZE2
AUXDAC1-
SNOOZE2
DAC34-
SNOOZE2
DAC12-
SNOOZE2
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
7
6
5
4
3
2
1
0
Reserved
PAON-SLEEP2
AUXDAC4-
SLEEP2
AUXDAC3-
SLEEP2
AUXDAC2-
SLEEP2
AUXDAC1-
SLEEP2
DAC34-
SLEEP2
DAC12-
SLEEP2
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 26. SLEEP2 Configuration Field Descriptions
Bit
Field
Type
Reset
Description
15
Reserved
R/W
1
Reserved for factory use
14
PAON-SNOOZE2
R/W
1
Setting this bit to 1 imposes an additional write to the PA_ON
register to set the PA_ON pin to the ON state after clearing the
SLEEP2 pin.
Setting this bit to 0 enables the SLEEP2 pin to set the PA_ON
pin to the ON state directly.
13
AUXDAC4-SNOOZE2
R/W
1
Setting any of these bits to 1 imposes an additional write to the
CLAMP Configuration register to wake-up the corresponding
DAC or DAC pair from clamp after clearing the SLEEP2 pin.
Clearing any of these bits to 0 enables the SLEEP2 pin to wake-
up the DAC or DAC pairs directly.
12
AUXDAC3-SNOOZE2
R/W
1
11
AUXDAC2-SNOOZE2
R/W
1
10
AUXDAC1-SNOOZE2
R/W
1
9
DAC34-SNOOZE2
R/W
1
8
DAC12-SNOOZE2
R/W
1
7
Reserved
R/W
0
Reserved for factory use
6
PAON-SLEEP2
R/W
0
Setting this bit to 1 allows control of the PA_ON pin through the
SLEEP2 pin. When SLEEP2 pin goes high the PA_ON pin
enters the OFF state.
Bringing the SLEEP2 pin low is required but not necessarily
sufficient to return the PA_ON pin to the ON state as determined
by the SNOOZE bits.
Setting this bit to 0 causes the PA_ON pin to be unaffected by
the SLEEP2 pin.
5
AUXDAC4-SLEEP2
R/W
0
Setting any of these bits to 1 allows control of the corresponding
DAC or DAC pair through the SLEEP2 pin. When SLEEP2 pin
goes high the DAC or DAC pair goes into clamp mode.
Bringing the SLEEP2 pin low is required but not necessarily
sufficient to return the DAC or DAC pairs to normal operation as
determined by the SNOOZE bits.
Clearing any of these bits to 0 causes the corresponding DAC or
DAC pair to be unaffected by the SLEEP2 pin.
4
AUXDAC3-SLEEP2
R/W
0
3
AUXDAC2-SLEEP2
R/W
0
2
AUXDAC1-SLEEP2
R/W
0
1
DAC34-SLEEP2
R/W
0
0
DAC12-SLEEP2
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com