Electronic Components Datasheet Search
  English  ▼

X  

AMC7834 Datasheet(PDF) 28 Page - Texas Instruments

Part # AMC7834
Description  AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7834 Datasheet(HTML) 28 Page - Texas Instruments

Back Button AMC7834 Datasheet HTML 24Page - Texas Instruments AMC7834 Datasheet HTML 25Page - Texas Instruments AMC7834 Datasheet HTML 26Page - Texas Instruments AMC7834 Datasheet HTML 27Page - Texas Instruments AMC7834 Datasheet HTML 28Page - Texas Instruments AMC7834 Datasheet HTML 29Page - Texas Instruments AMC7834 Datasheet HTML 30Page - Texas Instruments AMC7834 Datasheet HTML 31Page - Texas Instruments AMC7834 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 97 page
background image
Resistor String
DAC
output
DAC
Buffer
Register
DAC Trigger
(synchronous
mode)
DAC
Active
Register
Serial Interface DAC Data Register
WRITE
READ
CLAMP MODE
DAC
Output
Range
Configuration
(asynchronous mode)
VO
AGND
AVCC
CLAMP MODE
0x000
0
1
28
AMC7834
SLAS972B – NOVEMBER 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: AMC7834
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Alternatively, with the AMC7834 set in closed-loop mode (LOOP-EN bit set to 1 in register 0x10) each bipolar
DAC output updates automatically in response to one of the four current sensors in the device (see the Closed-
Loop Mode section). In closed-loop mode the AMC7834 bipolar DACs operate as four autonomous closed-loop
current controllers.
The DAC upper threshold registers (address 0x4E through 0x4F) sets an upper output limit other than full-scale
for the bipolar DACs when operating in closed-loop mode. The upper threshold feature can be used to limit the
maximum output voltage for each bipolar DAC. When a closed-loop controller attempts to set its bipolar DAC to a
value exceeding the corresponding DAC upper threshold register, the DAC is updated with the threshold code
instead.
7.3.1.1.2
Auxiliary DACs (AUXDAC1, AUXDAC2, AUXDAC3, and AUXDAC4)
The output range for each auxiliary DAC can be independently set through the DAC Range register (address
0x16) to either 0 to 5 V or 2.5 to 7.5 V. The POR and clamp value of each of the auxiliary DACs is fixed to
AGND. The maximum and minimum outputs from these DACs cannot exceed AVCC or be lower than AGND,
respectively. Figure 46 shows a high level block diagram of each auxiliary DAC.
Figure 46. Auxiliary DAC Block Diagram
7.3.1.2 DAC Register Structure
The input data of the DACs is written to the individual DAC data registers (address 0x30 through 0x37) in straight
binary format for all output ranges (see Table 2).
Table 2. DAC Data Format
DIGITAL CODE
DAC OUTPUT VOLTAGE (V)
0 TO 5 V RANGE
2.5 TO 7.5 V RANGE
–4 TO 1 V RANGE
–5 TO 0 V RANGE
0000 0000 0000
0
2.5
–4
–5
0000 0000 0001
0.00122
2.50122
–3.99878
–4.99878
1000 0000 0000
2.5
5
–1.5
–2.5
1111 1111 1110
4.99756
7.49756
0.99756
–0.00244
1111 1111 1111
4.99878
7.49878
0.99878
–0.00122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com