Electronic Components Datasheet Search
  English  ▼

X  

AMC7834 Datasheet(PDF) 1 Page - Texas Instruments

Part # AMC7834
Description  AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7834 Datasheet(HTML) 1 Page - Texas Instruments

  AMC7834 Datasheet HTML 1Page - Texas Instruments AMC7834 Datasheet HTML 2Page - Texas Instruments AMC7834 Datasheet HTML 3Page - Texas Instruments AMC7834 Datasheet HTML 4Page - Texas Instruments AMC7834 Datasheet HTML 5Page - Texas Instruments AMC7834 Datasheet HTML 6Page - Texas Instruments AMC7834 Datasheet HTML 7Page - Texas Instruments AMC7834 Datasheet HTML 8Page - Texas Instruments AMC7834 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
ADC
2.5-V Reference
DAC
DAC
GPIO Control
AMC7834
4 GPIOs
Remote
Sensor
Driver
AUXDAC
AUXDAC
Temperature
Sensor
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
AMC7834
SLAS972B – NOVEMBER 2014 – REVISED MARCH 2016
AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with
Temperature, Current and Voltage Supervision Capabilities
1
1 Features
1
•
Eight Monotonic 12-bit DACs With Programmable
Ranges
–
Four Bipolar DACs:
–4 to 1 V, –5 to 0 V, and 0 to 5 V
–
Four Unipolar DACs:
0 to 5 V, and 2.5 to 7.5 V
–
High Current Drive Capability: up to ±10 mA
–
Selectable Clamp Voltage
•
Multi-Channel 12-bit SAR ADC
–
Four External Analog Inputs: 0 to 2.5 V Range
–
Four Internal Inputs for Bipolar DAC Monitoring
–
Programmable Out-of-Range Alarms
•
Four High-Side Current-Sense Amplifiers
–
Common Mode Voltages: 4 to 60 V
–
Optional Closed-Loop Drain-Current Controller
Operation
•
Temperature Sensing Capabilities
–
Internal Temperature Sensor
–
Two Remote Temperature-Diode Drivers
•
Internal 2.5 V Reference
•
Four General-Purpose I/O Ports (GPIOs)
•
Low-Power SPI-Compatible Serial Interface
–
4-Wire Mode, 1.7 to 3.6 V Operation
•
Operating Temperature Range: –40°C to +125°C
•
Available in a 56-Pin VQFN Package
2 Applications
•
Communications Infrastructure:
–
Cellular Base Stations
–
Microwave Backhaul
–
Optical Networks
•
General-Purpose Monitor and Control
•
Data Acquisition Systems
3 Description
The AMC7834 device is a highly-integrated, low-
power, analog monitoring and control solution for
power-amplifier (PA) biasing capable of temperature,
current and voltage supervision.
The device integrates a multi-channel, 12-bit analog-
to-digital converter (ADC); eight, 12-bit digital-to-
analog converters (DAC); four high-side current-
sense amplifiers that can be optionally set to operate
as part of four independent closed-loop drain-current
controllers; an accurate on-chip temperature sensor
and two remote temperature-sensor diode drivers;
four configurable general-purpose I/O ports (GPIOs);
and an accurate internal reference. The high level of
integration significantly reduces component count and
simplifies PA-biasing system designs.
The
function
integration
and
wide
operating-
temperature range of the device make it suitable as
an all-in-one, low-cost, bias control-circuit for PAs
found in multi-channel RF communication systems.
The flexible DAC output ranges and wide common
mode voltage current sensors allow the device to be
used as a biasing solution for a large variety of
transistor technologies such as LDMOS, GaAs, and
GaN. The AMC7834 feature set is similarly beneficial
in general-purpose monitor and control systems.
For applications that require a different channel-
count, additional features, or converter resolutions,
Texas Instruments offers a complete family of analog
monitor and control (AMC) products. For more
information, go to www.ti.com/amc.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
AMC7834
VQFN (56)
8.00 mm × 8.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.


Similar Part No. - AMC7834

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7834 TI1-AMC7834 Datasheet
4Mb / 93P
AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
AMC7834IRTQR TI1-AMC7834IRTQR Datasheet
4Mb / 93P
AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
AMC7834IRTQT TI1-AMC7834IRTQT Datasheet
4Mb / 93P
AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
AMC7834 TI-AMC7834_15 Datasheet
3Mb / 90P
AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
More results

Similar Description - AMC7834

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7294 AD-AD7294 Datasheet
682Kb / 45P
12-Bit, Multichannel, DAC/ADC Temperature Sensor and Current Sense for Monitor and Control Applications
Oct-2005
logo
Mean Well Enterprises C...
RCP-MU MEANWELL-RCP-MU Datasheet
313Kb / 3P
Power Control and Monitor System
logo
Texas Instruments
UCD90124 TI-UCD90124 Datasheet
2Mb / 44P
12-Rail Sequencer and System Health Monitor With Fan Control
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Mean Well Enterprises C...
RCP-MU MEANWELL-RCP-MU_11 Datasheet
315Kb / 3P
Power Control and Monitor System
logo
Texas Instruments
AMC7834 TI-AMC7834_15 Datasheet
3Mb / 90P
AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
AMC7834 TI1-AMC7834 Datasheet
4Mb / 93P
AMC7834 12-Bit Integrated Power-Amplifier Monitor and Control System with Temperature, Current and Voltage Supervision Capabilities
logo
Analog Devices
AD7292 AD-AD7292 Datasheet
734Kb / 41P
10-Bit Monitor and Control System with ADC,DACs, Temperature Sensor, and GPIOs
23-Feb-2017
AD7294 AD-AD7294_17 Datasheet
1Mb / 48P
12-Bit Monitor and Control System with Multichannel
29-Nov-2017
AD7294-2 AD-AD7294-2 Datasheet
1,006Kb / 45P
12-Bit Monitor and Control System
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com