Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 21 Page - Texas Instruments

Part # PCM1861
Description  PCM186x 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1861 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 17Page - Texas Instruments PCM1861 Datasheet HTML 18Page - Texas Instruments PCM1861 Datasheet HTML 19Page - Texas Instruments PCM1861 Datasheet HTML 20Page - Texas Instruments PCM1861 Datasheet HTML 21Page - Texas Instruments PCM1861 Datasheet HTML 22Page - Texas Instruments PCM1861 Datasheet HTML 23Page - Texas Instruments PCM1861 Datasheet HTML 24Page - Texas Instruments PCM1861 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 145 page
background image
Frequency (kHz)
-160
-140
-120
-100
-80
-60
-40
-20
0
0
4
8
12
16
20
D005
Frequency (kHz)
-160
-140
-120
-100
-80
-60
-40
-20
0
0
4
8
12
16
20
D006
Frequency (kHz)
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
0
4
8
12
16
20
D003
Frequency (kHz)
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
0
4
8
12
16
20
D004
Input Level (dBFS)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
-80
-60
-40
-20
0
D001
Input Level (dBFS)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
-80
-60
-40
-20
0
D002
21
PCM1860, PCM1861, PCM1862
PCM1863, PCM1864, PCM1865
www.ti.com
SLAS831D – MARCH 2014 – REVISED MARCH 2018
Product Folder Links: PCM1860 PCM1861 PCM1862 PCM1863 PCM1864 PCM1865
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
7.13 Typical Characteristics
all specifications at TA = 25°C, AVDD = 3.3 V, DVDD = 3.3 V, IOVDD = 3.3 V, master mode, single-speed mode, fS = 48 kHz,
system clock = 256 × fS, and 24-bit data (unless otherwise noted)
PCM1861, PCM1863, and PCM1865
Figure 6. THD+N vs Input Level
PCM1860, PCM1862, and PCM1864
Figure 7. THD+N vs Input Level
PCM1861, PCM1863, and PCM1865
Input = –60 dBFS at 1 kHz
Figure 8. Main ADC Output FFT
PCM1860, PCM1862, and PCM1864
Input = –60 dBFS at 1 kHz
Figure 9. Main ADC Output FFT
PCM1861, PCM1863, and PCM1865
Input = –1 dBFS at 1 kHz
Figure 10. Main ADC Output FFT
PCM1860, PCM1862, and PCM1864
Input = –1 dBFS at 1 kHz
Figure 11. Main ADC Output FFT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com