Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 71 Page - Texas Instruments

Part # PCM1861
Description  PCM186x 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1861 Datasheet(HTML) 71 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 67Page - Texas Instruments PCM1861 Datasheet HTML 68Page - Texas Instruments PCM1861 Datasheet HTML 69Page - Texas Instruments PCM1861 Datasheet HTML 70Page - Texas Instruments PCM1861 Datasheet HTML 71Page - Texas Instruments PCM1861 Datasheet HTML 72Page - Texas Instruments PCM1861 Datasheet HTML 73Page - Texas Instruments PCM1861 Datasheet HTML 74Page - Texas Instruments PCM1861 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 145 page
background image
MD0 26
MS 25
MC 24
MOSI 23
MISO 22
GPIO1/INTA/DMIN 21
GPIO2/INTB/DMCLK 20
GPIO3/INTC 19
3.3 V SPI Select
Interrupt / GPIO
Interrupt / GPIO
Interrupt / GPIO
SPI
Copyright © 2017, Texas Instruments Incorporated
MD0 26
MD1 25
MD4 24
MD3I 23
MD2 22
MD5 21
MD6 20
INT 19
Interrupt and Gain Selection
Copyright © 2017, Texas Instruments Incorporated
Sample Rate and
Master/Slave Selection
Digital Audio Format Selection
Filter Mode Selection
Interrupt
71
PCM1860, PCM1861, PCM1862
PCM1863, PCM1864, PCM1865
www.ti.com
SLAS831D – MARCH 2014 – REVISED MARCH 2018
Product Folder Links: PCM1860 PCM1861 PCM1862 PCM1863 PCM1864 PCM1865
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
Application Information (continued)
10.1.1 Device Control Method
10.1.1.1 Hardware Control
The PCM1860 and PCM1861 are controlled with pullup or pulldown voltages on pins MD0 through MD6. The INT
pin is ideally designed to be used with a microcontroller that can treat the pin as both an input (when used as an
interrupt) and as an output to pull the pin high, and force power down. See the Pin Configuration and Functions
for the PCM1860 and PCM1861 for specific configuration details. The hardware control interface is shown in
Figure 55.
Figure 55. PCM1860 and PCM1861 Hardware Control Interface
10.1.1.2 Software Control
10.1.1.2.1
SPI Control
SPI control is selected by the MD0 pin; in this case, MDO connects to 3.3 V, so that the device acts as an SPI
slave. The SPI control interface is shown in Figure 56.
Figure 56. SPI Control Interface Including Interrupt Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com