Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 62 Page - Texas Instruments

Part # PCM1861
Description  PCM186x 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1861 Datasheet(HTML) 62 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 58Page - Texas Instruments PCM1861 Datasheet HTML 59Page - Texas Instruments PCM1861 Datasheet HTML 60Page - Texas Instruments PCM1861 Datasheet HTML 61Page - Texas Instruments PCM1861 Datasheet HTML 62Page - Texas Instruments PCM1861 Datasheet HTML 63Page - Texas Instruments PCM1861 Datasheet HTML 64Page - Texas Instruments PCM1861 Datasheet HTML 65Page - Texas Instruments PCM1861 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 145 page
background image
62
PCM1860, PCM1861, PCM1862
PCM1863, PCM1864, PCM1865
SLAS831D – MARCH 2014 – REVISED MARCH 2018
www.ti.com
Product Folder Links: PCM1860 PCM1861 PCM1862 PCM1863 PCM1864 PCM1865
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
9.5 Programming
9.5.1 Control
9.5.1.1 Hardware Control Configuration
PCM186x devices require the following functions to be configured on startup. Hardware-controlled devices
require a subset of these configurations:
•
Control interface type and address for PCM186x software-controlled devices
•
The clock mode and rate (automatic in slave mode, or divider ratio in master mode) for hardware-controlled
devices. For more details see the Clocks section.
•
The interface audio data format for hardware-controlled devices.
•
Digital filter selection (FIR or IIR) for hardware-controlled devices; requires a power cycle to change.
•
Analog input channels and PGA gain for hardware-controlled devices.
9.5.1.2 Software-Controlled Device Configuration
PCM186x software-controlled devices are configured and controlled by using either I2C or SPI using MD0 and
MD1. Table 20 shows the MD0 control protocols, and Table 21 shows the MD1 mode selection.
Table 20. MD0: Control Protocol Select
MD0
Control Protocol
Low (or floating)
I2C Mode
High
SPI Mode
Table 21. MD1: I2C Address or SPI Chip Select
MODE
MD1 USE
STATIC MD1 VALUE
CONFIGURATION
I2C
Address pin
Low
I2C Address: 0x94
I2C
Address pin
High
I2C Address: 0x96
SPI
MS (SPI Chip Select)
N/A
N/A
9.5.1.3 SPI Interface
The SPI interface is a 4-wire synchronous serial port that operates asynchronously to the serial audio interface
and the system clock (SCK). The serial control interface is used to program and read the on-chip mode registers.
The control interface includes MISO, MOSI, MC, and MS. MISO (master in slave out) is the serial data output,
used to read back the values of the mode registers; MOSI (master out slave in) is the serial data input, used to
program the mode registers.
MC is the serial bit clock, used to shift data in and out of the control port on the MC falling edge. MS is the
active-low mode control enable, used to enable the internal mode register access. If data from the device is not
required, the MISO pin can be assigned to GPIO1 by register control.
9.5.1.3.1
Register Read and Write Operation
All read and write operations for the serial control port use 16-bit data words. Figure 47 shows the control data
word format. The most significant bit is the read and write (R/W) bit. For write operations, the bit must be set to 0.
For read operations, the bit must be set to 1. There are seven bits, labeled IDX[6:0], that hold the register index
(or address) for the read and write operations. The least significant eight bits, D[7:0], contain the data to be
written to, or the data that was read from, the register specified by IDX[6:0].
Figure 48 and Figure 49 show the functional timing diagram for writing or reading through the serial control port.
MS should be held at logic 1 state until a register needs to be written or read. To start the register write or read
cycle, MS should be set to logic 0. Sixteen clocks are then provided on MC, corresponding to the 16 bits of the
control data word on MOSI and readback data on MISO. After the eighth clock cycle has completed, the data
from the indexed-mode control register appears on MISO during the read operation. After the sixteenth clock
cycle has completed, the data is latched into the indexed-mode control register during the write operation. To
write or read subsequent data, MS should be set to logic 1 once.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com