Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 46 Page - Texas Instruments

Part # PCM1861
Description  PCM186x 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1861 Datasheet(HTML) 46 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 42Page - Texas Instruments PCM1861 Datasheet HTML 43Page - Texas Instruments PCM1861 Datasheet HTML 44Page - Texas Instruments PCM1861 Datasheet HTML 45Page - Texas Instruments PCM1861 Datasheet HTML 46Page - Texas Instruments PCM1861 Datasheet HTML 47Page - Texas Instruments PCM1861 Datasheet HTML 48Page - Texas Instruments PCM1861 Datasheet HTML 49Page - Texas Instruments PCM1861 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 145 page
background image
46
PCM1860, PCM1861, PCM1862
PCM1863, PCM1864, PCM1865
SLAS831D – MARCH 2014 – REVISED MARCH 2018
www.ti.com
Product Folder Links: PCM1860 PCM1861 PCM1862 PCM1863 PCM1864 PCM1865
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
The PLL can be programmed using page 0, registers 0x28 thru 0x2D. Turn on the PLL using page 0, register
0x28, D(0). The variable P can be programmed using page 0, register 0x29, D(3:0). The variable R can be
programmed using page 0, register 0x2A, D(3:0). The variable J can be programmed using page 0, register
0x2B, D(5:0). The variable D is 14-bits and is programmed into two registers. The MSB portion is programmed
using page 0, register 0x2D, D(5:0), and the LSB portion is programmed using page 0, register 0x2C, D(7:0).
The variable D is set when the LSB portion is programmed.
Values are programmed in the registers in Table 14.
Table 14. PLL Coefficient Registers
REGISTER
FUNCTION
BITS
PLL_EN
PLL enable, lock status and
PLL reference
Page 0, register 0x28
PLL_P
PLL P
Page 0, register 0x29
PLL_J
PLL J
Page 0, register 0x2B
PLL_Dx
PLL D
Page 0, register 0x2C (least significant bits)
Page 0, register 0x2D (most significant bits)
PLL_R
PLL R
Page 0, register 0x2A
9.3.9.6 Clock Halt and Error
The status of the halt and error detector can be read from register CLK_ERR_STAT (Page.0, 0x75).
9.3.9.7 Clock Halt and Error Detect
The PCM186x has a clock error detection block inside that continues to monitor the ratio of BCK to LRCK.
If a clock error is detected (such as an unexpected number of BCKs per LRCK), then the device goes into
standby mode.
If all the clocks are stopped going into the device, then the device shifts into sleep state, and begins
Energysense signal detect mode.
When a clock error occurs, the PCM186x starts the following sequence:
1. Mute audio output immediately (without volume ramp down)
2. Wait until proper clock is supplied (known as Clock Waiting State)
3. Restart clock detection. The PLL and all clock dividers are reconfigured with the result of the detection.
4. Start fade-in
If the device stops transmitting data, the first step is to read CLK_ERR_STAT (Page.0 0x72). The least
significant nibble shows the device status. Value 0x01 suggests Clock Waiting State, at which point the clock
error status can be read in register STATE (Page.0 0x75). The clock detection logic is shown in Table 15.
Table 15. Summary of Clock Detection Logic
SCK
BCK
LRCK
RESULT
ACTION
ACTIVE
ACTIVE
ACTIVE
No error
Normal operation
ACTIVE
ACTIVE
HALT
Clock error
Enter clock waiting state
ACTIVE
HALT
ACTIVE
Clock error
Enter clock waiting state
ACTIVE
HALT
HALT
Clock error
Enter SLEEP
HALT
ACTIVE
ACTIVE
No error
Enter BCK PLL mode
HALT
ACTIVE
HALT
Clock error
Enter clock waiting state
HALT
HALT
ACTIVE
Clock error
Enter clock waiting state
HALT
HALT
HALT
Clock error
Enter SLEEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com