Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 13 Page - Texas Instruments

Part # PCM1861
Description  PCM186x 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1861 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 9Page - Texas Instruments PCM1861 Datasheet HTML 10Page - Texas Instruments PCM1861 Datasheet HTML 11Page - Texas Instruments PCM1861 Datasheet HTML 12Page - Texas Instruments PCM1861 Datasheet HTML 13Page - Texas Instruments PCM1861 Datasheet HTML 14Page - Texas Instruments PCM1861 Datasheet HTML 15Page - Texas Instruments PCM1861 Datasheet HTML 16Page - Texas Instruments PCM1861 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 145 page
background image
13
PCM1860, PCM1861, PCM1862
PCM1863, PCM1864, PCM1865
www.ti.com
SLAS831D – MARCH 2014 – REVISED MARCH 2018
Product Folder Links: PCM1860 PCM1861 PCM1862 PCM1863 PCM1864 PCM1865
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
(1)
32-dB gain when using differential mode inputs is only available in SW-controlled devices.
(2)
Specified by design.
7.5 Electrical Characteristics: PGA and ADC AC Performance
all specifications at TA = 25°C, AVDD = 3.3 V, DVDD = 3.3 V, IOVDD = 3.3 V, master mode, single-speed mode, fS = 48 kHz,
system clock = 256 × fS, and 24-bit data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PRIMARY PGA AND ADC
Input channel signal-to-noise ratio,
differential input
0-dB PGA gain, –60-dB input signal,
master mode at Diff input
PCM1860
PCM1862
PCM1864
97
103
dB
PCM1861
PCM1863
PCM1865
97
110
dB
32-dB PGA gain(1), –86-dB input signal, master mode at
Diff input
85
90
dB
Input channel THD+N, differential
input
0-dB PGA gain, –1-dB input signal, master mode at Diff
input
–85
–93
dB
32-dB PGA gain, –33-dB input signal, master mode at
Diff input
–76
–84
dB
L channel to R channel separation line
input
0-dB PGA gain, –1-dB input signal, master mode
–105
dB
L channel to R channel separation mic
input
20-dB PGA gain, –1-dB input signal, master mode
–105
dB
L1 channel to L2 channel separation
line input
0-dB PGA gain, –1-dB input signal, master mode
–105
dB
R1 channel to R2 channel separation
line input
0-dB PGA gain, –1-dB input signal, master mode
–105
dB
L1 channel to L2 channel separation
mic input
20-dB PGA gain, –1-dB input signal, master mode
–105
dB
R1 channel to R2 channel separation
mic input
20-dB PGA gain, –1-dB input signal, master mode
–105
dB
Range of analog PGA
–12 to +12 dB (1-dB step), 20 dB, and 32 dB
–12(2)
32
dB
Accuracy of PGA + ADC
0.5
dB
Matching between PGA + ADCs on-
chip
0.05
dB
Full-scale voltage input
Single-ended mode
2.1
VRMS
Differential mode (2.1 VRMS per pin)
4.2
VRMS
Input channel signal-to-noise ratio,
single-ended input
0-dB PGA gain, –60-dB input signal,
master mode at SE input
PCM1860
PCM1862
PCM1864
103
dB
PCM1861
PCM1863
PCM1865
106
dB
32-dB PGA gain, –92-dB input signal, master mode at
SE input
75
dB
Input channel THD+N, single-ended
input
0-dB PGA gain, –1-dB input signal, master mode at SE
input
87
dB
32-dB PGA gain, –33-dB input signal, master mode at
SE input
68
dB
Input impedance per analog input pin
PCM1864 and PCM1865
10
kΩ
PCM1860, PCM1861, PCM1862, and PCM1863
20
CMRR
Common-mode rejection ratio
Differential input, 1-kHz signal on both pins and measure
level at output
56
dB
SECONDARY ADC PERFORMANCE
Default Energysense signal detection
threshold
At 1 kHz
–57
dBFS
Energysense signal bandwidth
10
kHz
Energysense accuracy(2)
3
dB
Secondary ADC accuracy
12
bits
Secondary ADC sampling rate
8
192
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com