Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 32 Page - Texas Instruments

Part # PCM1861
Description  PCM186x 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1861 Datasheet(HTML) 32 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 28Page - Texas Instruments PCM1861 Datasheet HTML 29Page - Texas Instruments PCM1861 Datasheet HTML 30Page - Texas Instruments PCM1861 Datasheet HTML 31Page - Texas Instruments PCM1861 Datasheet HTML 32Page - Texas Instruments PCM1861 Datasheet HTML 33Page - Texas Instruments PCM1861 Datasheet HTML 34Page - Texas Instruments PCM1861 Datasheet HTML 35Page - Texas Instruments PCM1861 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 145 page
background image
CIC Filter
ADC
Auto
Gain
Control
Analog
PGA
Digital
PGA
PGA
Controller
Zero
Cross
Detector
Digital PGA
Overflow Detector
Decimation
Filter
Digital
Mixer
S-Curve
Volume
Mixer
PGA
Copyright © 2017, Texas Instruments Incorporated
–12 dB to +32 dB
0.5 dB to 12 dB
–100 dB ~ +18 dB
–100 dB ~ 0 dB
32
PCM1860, PCM1861, PCM1862
PCM1863, PCM1864, PCM1865
SLAS831D – MARCH 2014 – REVISED MARCH 2018
www.ti.com
Product Folder Links: PCM1860 PCM1861 PCM1862 PCM1863 PCM1864 PCM1865
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
9.3.6 Automatic Clipping Suppression
The PCM186x software-controlled devices have the ability to automatically lower the gain in 0.5 dB steps under
the following conditions if the ADC is clipping.
The device detects clipping after the decimation filter in the signal chain, shown in Figure 30, and counts the
number of successive clips before responding.
The device also generates an internal interrupt that can be mapped to a GPIO or interrupt pin, allowing the
system microcontroller to make the decision to increase the gain and consider the clipping an isolated event, or
make the decision that the new gain setting is appropriate.
Figure 30. Sampling Points Within the PCM186x for Auto Clipping Suppression
9.3.6.1 Attenuation Level
This feature is not designed to be a complete analog gain control. This feature was defined to avoid clipping, and
to inform the system microcontroller of a clipping event, to allow the microcontroller (or the end user) to decide if
the gain should be increased again.
The attenuation is programmable to –3 dB, –4 dB, –5 dB, or –6 dB.
9.3.6.2 Channel Linking
Depending on the application, users may not want to link input channels, however, for the majority of stereo input
applications, its strongly recommended to set the system to track gain across inputs, to maintain balance.
The auto PGA clipping suppression control has the settings shown in Table 3.
Table 3. Auto Clipping Suppression Control Registers
REGISTER NAME
REGISTER
LOCATION
USAGE
VALUES
AGC_EN
Pg0 0x05
Enable auto gain control
0: Disable (Default)
1: Enable
CLIP_NUM[1:0]
Pg0 0x05
Start auto gain control after detects CLIP_NUM times of ADC
sample clips
0: 80
1: 40
2: 20
3: 10 (Default)
MAX_ATT[1:0]
Pg0 0x05
Maximum automatic attenuation
0: –3 dB (Default)
1: –4 dB
2: –5 dB
3: –6 dB
DPGA_CLIP_EN
Pg0 0x05
Enable clipping detection after the digital PGA. Note that digital
PGA is post ADC, meaning that there is a short delay before
clipping is detected.
0: Disable (Default)
1: Enable
LINK
Pg0 0x05
Link all channels together if dealing with stereo sources to maintain
balance.
0: Independent control (Default)
1: Ch1[R]/Ch2[L]/Ch2[R] follow Ch1[L] PGA
value.
SMOOTH
Pg0 0x05
Enable smooth transition from step to step (zero crossing).
0: Immediate change
1: Smooth change (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com