Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM1861
Description  PCM186x 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1861 Datasheet(HTML) 3 Page - Texas Instruments

  PCM1861 Datasheet HTML 1Page - Texas Instruments PCM1861 Datasheet HTML 2Page - Texas Instruments PCM1861 Datasheet HTML 3Page - Texas Instruments PCM1861 Datasheet HTML 4Page - Texas Instruments PCM1861 Datasheet HTML 5Page - Texas Instruments PCM1861 Datasheet HTML 6Page - Texas Instruments PCM1861 Datasheet HTML 7Page - Texas Instruments PCM1861 Datasheet HTML 8Page - Texas Instruments PCM1861 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 145 page
background image
3
PCM1860, PCM1861, PCM1862
PCM1863, PCM1864, PCM1865
www.ti.com
SLAS831D – MARCH 2014 – REVISED MARCH 2018
Product Folder Links: PCM1860 PCM1861 PCM1862 PCM1863 PCM1864 PCM1865
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
Revision History (continued)
•
Changed "latch enable" to "word clock" in LRCK pin description ....................................................................................... 11
•
Added operating ambient temperature and junction temperature to Absolute Maximum Ratings table .............................. 12
•
Changed ground voltage differences range from "AGND, DGND" to "AGND to DGND" ................................................... 12
•
Changed storage temperature max value from 125°C to 150°C.......................................................................................... 12
•
Changed CDM value from ±1500 V to ±750 V ..................................................................................................................... 12
•
Changed "Operating junction temperature range" to "Operating ambient temperature, TA" in Recommended
Operating Conditions table ................................................................................................................................................... 12
•
Changed Thermal Characteristics table to Thermal Information table ................................................................................. 12
•
Changed Electrical Characteristics: Primary PGA and ADC performance to include secondary ADC performance
data, and deleted separate Electrical Characteristics: Secondary ADC Performance table ............................................... 13
•
Added new table note to clarify test condition at 32-dB PGA gain....................................................................................... 13
•
Added min value of 85 dB to input channel signal-to-noise ratio for 32 dB ......................................................................... 13
•
Changed input channel signal-to-noise ratio for 32 dB typical value from 93 dB to 90 dB .................................................. 13
•
Added min value of –76 dB to input channel THD+N, differential input for 32 dB .............................................................. 13
•
Deleted "per input pin" and "out of phase" from full-scale voltage input parameter in Electrical Characteristics ................ 13
•
Changed input channel signal-to-noise ratio, single-ended input value for PCM1865 from 110 dB to 106 dB;
differential conditions used previously.................................................................................................................................. 13
•
Changed "Energysense Detection Threshold" to "Default Energysense Signal Detection Threshold" in Electrical
Characteristics, Secondary ADC Performance .................................................................................................................... 13
•
Changed secondary ADC sampling rate from "same as audio sampling rate" to min of 8 kHz and max of 192 kHz ......... 13
•
Changed Electrical Characteristics, DC conditions from master to slave mode; system clock from 256 × fS to 512 x fS.... 14
•
Changed POWER section of the Electrical Characteristics, DC; updated section structure for clarity................................ 14
•
Deleted all rows with XTAL as condition; not required for normal operation ....................................................................... 14
•
Deleted all rows with Powerdown; not a valid operating mode ........................................................................................... 14
•
Changed AVDD current typ value for 2-channel, 3.3-V, active mode from 16 mA to 18 mA .............................................. 14
•
Changed Total power value for 2-channel, 3.3 V, sleep mode from 24 mW to 17.6 mW.................................................... 14
•
Changed DVDD current for 2-channel, 3.3 V, standby mode from 353 µA to 0.015 mA..................................................... 14
•
Changed Total power for 2-channel, 3.3 V, standby mode for software device from 0.59 mW to 0.64 mW ...................... 14
•
DVDD current for 2-channel, 3.3 V and 1.8 V active mode typ value from 10 µA to 0.015 mA .......................................... 14
•
Changed Total power for 2-channel, 3.3 V and 1.8 V active mode from 68 mW to 69.2 mW ............................................. 14
•
Changed Total power for 4-channel, 3.3 V, active mode from 145 mW to 135.3 mW ....................................................... 14
•
Changed Total power for 4-channel, 3.3 V and 1.8 V, active mode from 128 mW to 117.3 mW ........................................ 15
•
Deleted redundant text "Valid with recommended values on analog rails (AVDD, VREF, and so on)" from PSRR ........... 15
•
Changed "HPF frequency response" to "HPF –3-dB cutoff frequency" in Electrical Characteristics: Digital Filter.............. 16
•
Added maximum BCK frequency rows to Timing Requirements, External Clock table ....................................................... 16
•
Changed all FFT plot X axes from log scale to linear scale................................................................................................. 21
•
Added Figure 7 ..................................................................................................................................................................... 21
•
Changed Figure 9 ................................................................................................................................................................. 21
•
Deleted previous Figure 11 and Figure 12 ........................................................................................................................... 21
•
Added Figure 11 ................................................................................................................................................................... 21
•
Added Figure 13 ................................................................................................................................................................... 22
•
Added Figure 15 ................................................................................................................................................................... 22
•
Changed Overview section for clarity ................................................................................................................................... 25
•
Deleted Terminology section; moved content to Overview section...................................................................................... 25
•
Added Feature Description section, and moved existing content here ................................................................................ 28
•
Changed text in Analog Front End section for clarity ........................................................................................................... 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com