Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 11 Page - Texas Instruments

Part # PCM1861
Description  PCM186x 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1861 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 7Page - Texas Instruments PCM1861 Datasheet HTML 8Page - Texas Instruments PCM1861 Datasheet HTML 9Page - Texas Instruments PCM1861 Datasheet HTML 10Page - Texas Instruments PCM1861 Datasheet HTML 11Page - Texas Instruments PCM1861 Datasheet HTML 12Page - Texas Instruments PCM1861 Datasheet HTML 13Page - Texas Instruments PCM1861 Datasheet HTML 14Page - Texas Instruments PCM1861 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 145 page
background image
11
PCM1860, PCM1861, PCM1862
PCM1863, PCM1864, PCM1865
www.ti.com
SLAS831D – MARCH 2014 – REVISED MARCH 2018
Product Folder Links: PCM1860 PCM1861 PCM1862 PCM1863 PCM1864 PCM1865
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
(1)
Schmitt trigger input with internal pull-down (50 kΩ, typically).
Pin Functions: PCM1862, PCM1863, PCM1864, and PCM1865
PIN
TYPE
DESCRIPTION
NO.
NAME
1
VINL2/VIN1M
Analog input
Analog input 2, L-channel (or differential M input for input 1)
2
VINR2/VIN2M
Analog input
Analog input 2, R-channel (or differential M input for input 2)
3
VINL1/VIN1P
Analog input
Analog input 1, L-channel (or differential P input for input 1)
4
VINR1/VIN2P
Analog input
Analog input 1, R-channel (or differential P input for input 2)
5
Mic Bias
Power
Microphone bias output
6
VREF
Power
Reference voltage output decoupling point (typically, 0.5 AVDD). Connect 1-µF
capacitor from this pin to AGND.
7
AGND
Power
Analog ground
8
AVDD
Power
Analog power supply (typically, 3.3 V). Connect 0.1-µF and 10-µF capacitors from
this pin to AGND.
9
XO
Digital output
Crystal oscillator output
10
XI
Digital input
Crystal oscillator input or master clock input (1.8-V CMOS signal)
11
LDO
Power
Internal LDO decoupling output, or external 1.8-V input to bypass LDO. Connect
0.1-µF and 10-µF capacitors from this pin to DGND.
12
DGND
Power
Digital ground
13
DVDD
Power
Digital power supply (typically, 3.3 V). Connect 0.1-µF and 10-µF capacitors from
this pin to DGND.
14
IOVDD
Power
Power supply for I/O voltages (typically, 3.3 V or 1.8 V).
15
SCKI
Digital input
CMOS level (3.3 V) master clock input
16
LRCK
Digital input/output Audio data world clock (left right clock) input/output(1)
17
BCK
Digital input/output Audio data bit clock input/output (1)
18
DOUT
Analog output
Audio data digital output
19
GPIO3/INTC
Digital input/output GPIO 3 or interrupt C
20
GPIO2/INTB/DMCLK
Digital input/output GPIO 2, interrupt B, or digital microphone clock output
21
GPIO1/INTA/DMIN
Digital input/output GPIO 1, interrupt A, or digital microphone input
22
MISO/GPIO0/DMIN2
Digital input/output In SPI mode: master in, slave out
In I2C mode: GPIO0 (or DMIN2 for PCM1864 and PCM1865 only)
23
MOSI/SDA
Digital input/output In SPI mode: master out, slave in
In I2C mode: SDA
24
MC/SCL
Digital input
In SPI mode: serial bit clock
In I2C mode: serial bit clock
25
MS/AD
Digital input
In SPI mode: chip select
In I2C mode: address pin
26
MD0
Digital input
Control method select pin: I2C (tied low or not connected) or SPI (tied high)
27
VINL4/VIN4M
Analog input
Analog input 4, L-channel (or differential M input for input 4)
28
VINR4/VIN3M
Analog input
Analog input 4, R-channel (or differential M input for input 3)
29
VINL3/VIN4P
Analog input
Analog input 3, L-channel (or differential P input for input 4)
30
VINR3/VIN3P
Analog input
Analog input 3, R-channel (or differential P input for input 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com