Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 76 Page - Texas Instruments

Part # PCM1861
Description  PCM186x 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1861 Datasheet(HTML) 76 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 72Page - Texas Instruments PCM1861 Datasheet HTML 73Page - Texas Instruments PCM1861 Datasheet HTML 74Page - Texas Instruments PCM1861 Datasheet HTML 75Page - Texas Instruments PCM1861 Datasheet HTML 76Page - Texas Instruments PCM1861 Datasheet HTML 77Page - Texas Instruments PCM1861 Datasheet HTML 78Page - Texas Instruments PCM1861 Datasheet HTML 79Page - Texas Instruments PCM1861 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 145 page
background image
±160
±140
±120
±100
±80
±60
±40
±20
0
20
200
2000
20000
Frequency (Hz)
C013
76
PCM1860, PCM1861, PCM1862
PCM1863, PCM1864, PCM1865
SLAS831D – MARCH 2014 – REVISED MARCH 2018
www.ti.com
Product Folder Links: PCM1860 PCM1861 PCM1862 PCM1863 PCM1864 PCM1865
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
Typical Applications (continued)
10.2.1.1 Design Requirements
•
Device control method: Hardware control by digital GPIO pins of a microcontroller
•
XTAL used for master mode
•
Single-ended analog inputs
10.2.1.2 Detailed Design Procedure
•
Device control method: Hardware control by digital GPIO pins of a microcontroller
•
Select XTAL capacitors by reading the XTAL data sheet
•
Single-ended analog inputs
–
MD2, MD5, MD6 configuration (see the Pin Configuration and Functions for the PCM1860 and PCM1861)
•
Audio slave mode
–
MD0, MD1 grounded (see Figure 64, and the Pin Configuration and Functions for the PCM1860 and
PCM1861)
•
The power rails in this application allow the usage of X7R Ceramic capacitors. A maximum voltage rating of
6.3 V should be enough for the power supply capacitors.
•
Configure the microcontroller INT pin to be an input for interrupts, or change the function to output to pull high
to power down the PCM1860 and PCM1861.
10.2.1.3 Application Curves
Figure 65. Frequency Response with –1-dB Input at 1 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com