Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 12 Page - Texas Instruments

Part # PCM1861
Description  PCM186x 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1861 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 8Page - Texas Instruments PCM1861 Datasheet HTML 9Page - Texas Instruments PCM1861 Datasheet HTML 10Page - Texas Instruments PCM1861 Datasheet HTML 11Page - Texas Instruments PCM1861 Datasheet HTML 12Page - Texas Instruments PCM1861 Datasheet HTML 13Page - Texas Instruments PCM1861 Datasheet HTML 14Page - Texas Instruments PCM1861 Datasheet HTML 15Page - Texas Instruments PCM1861 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 145 page
background image
12
PCM1860, PCM1861, PCM1862
PCM1863, PCM1864, PCM1865
SLAS831D – MARCH 2014 – REVISED MARCH 2018
www.ti.com
Product Folder Links: PCM1860 PCM1861 PCM1862 PCM1863 PCM1864 PCM1865
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating temperature (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
AVDD to AGND
–0.3
3.9
V
DVDD to DGND
–0.3
3.9
IOVDD to DGND
–0.3
3.9
Ground voltage differences
AGND to DGND
–0.3
0.3
V
Digital input voltage
Digital input to DGND
–0.3
IOVDD + 0.3
V
XI to DGND
–0.3
2.1
Analog input voltage
VINxx to AGND
–1.7
5.0
V
Temperature
Operating ambient, TA
–40
125
°C
Junction, TJ
–40
150
Storage, Tstg
–40
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±750
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
POWER
AVDD
Analog supply voltage to AGND
3.0
3.3
3.6
V
DVDD
Digital supply voltage to DGND
3.0
3.3
3.6
V
IOVDD
IO supply voltage to DGND
at 1.8 V
1.62
1.8
1.98
V
at 3.3 V
3.0
3.3
3.6
V
LDO
LDO pin voltage to DGND
(LDO is an input when using external 1.8-V power supply)
IOVDD – 0.3
IOVDD
IOVDD + 0.3
V
TEMPERATURE
TA
Operating ambient temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
PCM186x
UNIT
DBT (TSSOP)
30 PINS
RθJA
Junction-to-ambient thermal resistance
79.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
15.1
°C/W
RθJB
Junction-to-board thermal resistance
33.1
°C/W
ψJT
Junction-to-top characterization parameter
0.4
°C/W
ψJB
Junction-to-board characterization parameter
32.6
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com