Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 80 Page - Texas Instruments

Part # PCM1861
Description  PCM186x 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1861 Datasheet(HTML) 80 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 76Page - Texas Instruments PCM1861 Datasheet HTML 77Page - Texas Instruments PCM1861 Datasheet HTML 78Page - Texas Instruments PCM1861 Datasheet HTML 79Page - Texas Instruments PCM1861 Datasheet HTML 80Page - Texas Instruments PCM1861 Datasheet HTML 81Page - Texas Instruments PCM1861 Datasheet HTML 82Page - Texas Instruments PCM1861 Datasheet HTML 83Page - Texas Instruments PCM1861 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 145 page
background image
80
PCM1860, PCM1861, PCM1862
PCM1863, PCM1864, PCM1865
SLAS831D – MARCH 2014 – REVISED MARCH 2018
www.ti.com
Product Folder Links: PCM1860 PCM1861 PCM1862 PCM1863 PCM1864 PCM1865
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
11.4 Power-Up Sequence
The power-up sequence consists of the following steps:
1. Power-on reset
1. Power up AVDD, DVDD and IOVDD
2. Check if LDO is being driven with an external 1.8 V, or is an output. Enable LDO if required.
3. Release digital reset
2. Wait until analog voltage reference is stable
3. Configure clock (PLL requires < 250 µs)
4. Fade-in audio ADC content
11.5 Lowest Power-Down Modes
To achieve the lowest levels of power down and sleep current, the following recommended write sequences are
suggested on PCM186x software-controlled devices:
11.5.1 Lowest Power In Standby Mode (AVDD = DVDD = IOVDD = 3.3 V)
Consumption as low as 0.59 mW
0x00=0x00 //select page0
0x70=0x14 //power down reference
0x00=0x03 //select page3
0x12=0x41 //disable OSC
0x00=0x00 //select page0
11.5.2 Lowest Power in Sleep or Energysense Mode (AVDD = DVDD = IOVDD = 3.3 V)
Consumption as low as 14 mW
Clocks must be running during this process
0x00=0x00 //select page0
0x70=0x72 //enter in sleep mode
0x00=0xfd //select page253
0x14=0x10 //change global bias current
0x00=0x00 //select page0
Now stop the clocks
11.5.3 Lower Power in Sleep or Energysense Mode (AVDD = DVDD 3.3 V and IOVDD = 1.8 V)
Consumption as low as 11.15 mW
Clocks must be running during this process
0x00=0x00 //select page0
0x70=0x72 //enter in sleep mode
0x00=0xfd //select page253
0x14=0x10 //change global bias current
0x00=0x00 //select page0
stop the clocks (note: make sure the clock IO is 1.8 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com