Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM1861
Description  PCM186x 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1861 Datasheet(HTML) 5 Page - Texas Instruments

  PCM1861 Datasheet HTML 1Page - Texas Instruments PCM1861 Datasheet HTML 2Page - Texas Instruments PCM1861 Datasheet HTML 3Page - Texas Instruments PCM1861 Datasheet HTML 4Page - Texas Instruments PCM1861 Datasheet HTML 5Page - Texas Instruments PCM1861 Datasheet HTML 6Page - Texas Instruments PCM1861 Datasheet HTML 7Page - Texas Instruments PCM1861 Datasheet HTML 8Page - Texas Instruments PCM1861 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 145 page
background image
5
PCM1860, PCM1861, PCM1862
PCM1863, PCM1864, PCM1865
www.ti.com
SLAS831D – MARCH 2014 – REVISED MARCH 2018
Product Folder Links: PCM1860 PCM1861 PCM1862 PCM1863 PCM1864 PCM1865
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
Revision History (continued)
•
Changed Digital Audio Output 2 Configuration section; DOUT2 not available in TDM mode, only for 4-ch devices .......... 58
•
Added Time Division Multiplex (TDM Support) section ........................................................................................................ 58
•
Changed location of timing diagrams to Specifications section, and deleted Interface Timing section ............................... 59
•
Changed text in Bypassing the Internal LDO to Reduce Power Consumption section to clarify TDM mode with 1.8-V
IOVDD operation .................................................................................................................................................................. 61
•
Added text "The I
2C control port.." to the I2C Interface section............................................................................................ 64
•
Changed pin numbers in Table 22 from "15, 16, 14" to "23, 24, 25" ................................................................................... 64
•
Added Real World Software Configuration using EnergySense and Controlsense section................................................. 65
•
Added more detail to Programming DSP Coefficients on Software-Controlled Devices section, and moved to new
location ................................................................................................................................................................................. 68
•
Added Dual PCM186x TDM Functionality section ............................................................................................................... 73
•
Added new paragraph to end of Analog Front-End Circuit For Single-Ended, Line-In Applications section ....................... 74
•
Changed 1.8-V Support section; clarified that both IOVDD and LDO must be driven with 1.8 V in 1.8-V mode ................ 79
•
Added Brownout Conditions section..................................................................................................................................... 79
•
Added test condition to step 3 in Power Up Sequence section; (PLL requires < 250 µs) ................................................... 80
•
Changed Layout section for clarity ...................................................................................................................................... 84
•
Deleted old Figure 67, PCM1865 EVM Signal Partitioning; redundant, and same information shown in Figure 74 .......... 84
•
Added Figure 75 ................................................................................................................................................................... 85
•
Changed "0xFF" to "0xFE" in last sentence of Register Map Description section ............................................................... 85
•
Changed values for register 3, bits 6-0; changed from "RSV" to correct bit names ........................................................... 86
•
Changed bits 4 and 3 from 1 and 0 to RSV, respectively, in register 27 ............................................................................. 86
•
Changed register 44 (0x2C) from reserved ("RSV") to actual bit names ............................................................................. 87
•
Changed registers 52 and 53 to registers 51 and 52, respectively ...................................................................................... 87
•
Changed TX_WLEN bit option 00 description from "Reserved" to "32-bit" in Page 0, register 11 ...................................... 95
•
Changed GPIO0_FUNC for 001 from "SPI MISO (Out:Default)" to "Digital MIC Input 0 (In)" and for 010 from
"RESERVED" to "SPI MISO (Out)" in register 16 ................................................................................................................ 98
•
Changed "DPGA" to "APGA" in description column for bits 3, 2, 1, and 0 in register 25 .................................................. 104
•
Changed DIV_NUM default value in page 0, register 33 from "000 0001" to "000 0000" ................................................. 106
•
Changed names and descriptions of master mode clock dividers in registers 37, 38, and 39 for clarity .......................... 108
•
Changed "Divider" to "Multiplier" in R[3:0] description for register 42................................................................................ 110
•
Changed values for R[3:0] from 1, 1/2, 1/3, 1/4, and 1/16 to 1, 2, 3, 4, and 16, respectively .......................................... 110
•
Changed "Divider" to "Multiplier" in J[5:0] description for register 43 ................................................................................ 111
•
Changed "Divider" to "Multiplier" in D_LSB[7:0] description for register 44 ....................................................................... 111
•
Changed "Divider" to "Multiplier" in D_MSB[5:0] description for register 45 ...................................................................... 111
•
Changed register 52 to register 51..................................................................................................................................... 114
•
Changed register 53 to register 52..................................................................................................................................... 115
•
Changed bit 3 from CLKERR to RSV in register 96........................................................................................................... 123
•
Deleted bit 3 from CLKERR to RSV in register 97 ............................................................................................................. 124
•
Changed default values in page 1: register 1 for bits 4, 2, 1, and 0 from "1" to "0", and updated descriptions for clarity. 129
Changes from Revision B (March 2014) to Revision C
Page
•
Changed "terminal" to "pin" throughout data sheet ................................................................................................................ 1
•
Added table note about orderable addendum ........................................................................................................................ 1
•
Deleted package designators from part numbers in Device Information table....................................................................... 1
•
Changed "THD+N at - 1dBFS" to "Differential Input THD+N at - 1dBFS" ............................................................................. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com