Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 64 Page - Texas Instruments

Part # PCM1861
Description  PCM186x 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1861 Datasheet(HTML) 64 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 60Page - Texas Instruments PCM1861 Datasheet HTML 61Page - Texas Instruments PCM1861 Datasheet HTML 62Page - Texas Instruments PCM1861 Datasheet HTML 63Page - Texas Instruments PCM1861 Datasheet HTML 64Page - Texas Instruments PCM1861 Datasheet HTML 65Page - Texas Instruments PCM1861 Datasheet HTML 66Page - Texas Instruments PCM1861 Datasheet HTML 67Page - Texas Instruments PCM1861 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 145 page
background image
9
SDA
SCL
St
Start
condition
1–7
8
1–8
9
1–8
9
9
Sp
Stop
condition
Slave address
R/W
ACK
DATA
ACK
DATA
ACK
ACK
R/W: Read operation if 1;otherwise,write operation
ACK: Acknowledgement of a byte if 0
DATA: 8 bits (byte)
64
PCM1860, PCM1861, PCM1862
PCM1863, PCM1864, PCM1865
SLAS831D – MARCH 2014 – REVISED MARCH 2018
www.ti.com
Product Folder Links: PCM1860 PCM1861 PCM1862 PCM1863 PCM1864 PCM1865
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
9.5.1.4 I2C Interface
The PCM186x software-controlled devices support the I2C serial bus and the data transmission protocol for
standard and fast mode as a slave device. This protocol is explained in I2C specification 2.0.
The I2C control port is available even in the absence of any other clocks in the system.
In I2C mode, the control pins are changed as shown in Table 22.
Table 22. I2C Pins and Functions
PIN NAME
PIN NUMBER
PROPERTY
DESCRIPTION
SDA
23
Input / Output
I2C data
SCL
24
Input
I2C clock
AD
25
Input
I2C address 1
9.5.1.4.1
Slave Address
The PCM186x software-controlled devices have a 7-bit slave address, as shown in Table 23. The first six bits
(MSBs) of the slave address are factory preset to 1001 01. The next bit of the address byte is the device select
bit, which can be user-defined by the AD pin. A maximum of two PCM186x devices can be connected on the
same bus at one time. Each device responds when receiving the respective slave address.
Table 23. I2C Slave Address
MSB
LSB
1
0
0
1
0
1
AD
R/W
9.5.1.4.2
Packet Protocol
A master device must control packet protocol, which consists of start condition, slave address, read/write bit,
data if write or acknowledge if read, and stop condition. The PCM186x software-controlled devices support only
slave receivers and slave transmitters. Figure 50 shows the basic I2C framework.
write operation
Transmitter
M
M
M
S
M
S
M
S
------------
S
M
Data Type
St
slave
address
R/W
ACK
DATA
ACK
DATA
ACK
ACK
Sp
read operation
Transmitter
M
M
M
S
M
S
M
S
------------
S
M
Data Type
St
slave
address
R/W
ACK
DATA
ACK
DATA
ACK
ACK
Sp
M: Master Device MMM S: Slave Device
St: Start Condition MMM Sp: Stop Conditiion
Figure 50. Basic I2C Framework
9.5.2 Current Status Registers
Page.0, registers 0x72 through 0x75 and 0x78 can be used to read the device status at any time. Sample rate,
power rail status, clock error, and clock ratios can all be read from these registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com