| Electronic Components Datasheet Search |
|
PCM1861 Datasheet(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCM1861 Datasheet(HTML) 28 Page - Texas Instruments |
|
28 / 145 page ![]() VINL1/VIN1P VINL2/VIN1M VINL3/VIN4P VINL4/VIN4M VINR1/VIN2P VINR2/VIN2M VINR3/VIN3P VINR4/VIN3M MIX, MUX MIX, MUX Audio ADC Audio ADC Analog PGAs Digial Microphone PDM Input (Software Controlled Devices Only) Mic Bias Generator PGA Zero-Cross Detect Digital PGA Decimation and Other Filters Copyright © 2017, Texas Instruments Incorporated PCM186x 28 PCM1860, PCM1861, PCM1862 PCM1863, PCM1864, PCM1865 SLAS831D – MARCH 2014 – REVISED MARCH 2018 www.ti.com Product Folder Links: PCM1860 PCM1861 PCM1862 PCM1863 PCM1864 PCM1865 Submit Documentation Feedback Copyright © 2014–2018, Texas Instruments Incorporated 9.3 Features Description 9.3.1 Analog Front End The PCM186x has a flexible front end that accepts either differential or single-ended inputs. The device supports up to 2.1 VRMS in single-ended mode, and up to 4.2 VRMS in differential mode. The MIX and MUX circuit before the PGA allows the analog inputs to be mixed and multiplexed in both single- ended and differential modes. Mixing functionality is available in software-controlled devices only. No individual gain controls are available before the PGA. A high-level diagram of the front-end circuitry is shown in Figure 27. Figure 27. High Level View of PCM186x Front End-Circuitry DC blocking capacitors are required on the analog inputs to make sure that correct dc bias conditions are established. Because the value of the output short-circuit protection resistor in the source product is typically unknown, issues such as gain error and dc shift may occur if dc blocking capacitors are not used. For systems where external amplifiers are used before the PCM186x, dc blocking capacitors are still recommended because the input pins are designed to bias to AVDD / 2. The common mode voltage range is still limited to the maximum input voltage of the device. Do not connect unused analog input pins. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |