Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 8 Page - Texas Instruments

Part # PCM1861
Description  PCM186x 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1861 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 4Page - Texas Instruments PCM1861 Datasheet HTML 5Page - Texas Instruments PCM1861 Datasheet HTML 6Page - Texas Instruments PCM1861 Datasheet HTML 7Page - Texas Instruments PCM1861 Datasheet HTML 8Page - Texas Instruments PCM1861 Datasheet HTML 9Page - Texas Instruments PCM1861 Datasheet HTML 10Page - Texas Instruments PCM1861 Datasheet HTML 11Page - Texas Instruments PCM1861 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 145 page
background image
1
VINL2/VIN1M
30
VINR3/VIN3P
2
VINR2/VIN2M
29
VINL3/VIN4P
3
VINL1/VIN1P
28
VINR4/VIN3M
4
VINR1/VIN2P
27
VINL4/VIN4M
5
Mic Bias
26
MD0
6
VREF
25
MD1
7
AGND
24
MD3
8
AVDD
23
MD2
9
XO
22
MD4
10
XI
21
MD5
11
LDO
20
MD6
12
DGND
19
INT
13
DVDD
18
DOUT
14
IOVDD
17
BCK
15
SCKI
16
LRCK
Not to scale
8
PCM1860, PCM1861, PCM1862
PCM1863, PCM1864, PCM1865
SLAS831D – MARCH 2014 – REVISED MARCH 2018
www.ti.com
Product Folder Links: PCM1860 PCM1861 PCM1862 PCM1863 PCM1864 PCM1865
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
6 Pin Configuration and Functions
DBT Package: PCM1860 and PCM1861
30-Pin TSSOP
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com