Electronic Components Datasheet Search
  English  ▼

X  

PCM1861 Datasheet(PDF) 34 Page - Texas Instruments

Part # PCM1861
Description  PCM186x 4-Channel or 2-Channel, 192-kHz, Audio ADCs
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1861 Datasheet(HTML) 34 Page - Texas Instruments

Back Button PCM1861 Datasheet HTML 30Page - Texas Instruments PCM1861 Datasheet HTML 31Page - Texas Instruments PCM1861 Datasheet HTML 32Page - Texas Instruments PCM1861 Datasheet HTML 33Page - Texas Instruments PCM1861 Datasheet HTML 34Page - Texas Instruments PCM1861 Datasheet HTML 35Page - Texas Instruments PCM1861 Datasheet HTML 36Page - Texas Instruments PCM1861 Datasheet HTML 37Page - Texas Instruments PCM1861 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 145 page
background image
L(n)
GPIO2
(DIGMIC_CLK)
GPIO1
L(n+1)
Hi -Z
R(n)
Hi-Z
Hi-Z
L(n)
R(n)
R(n+1)
L(n+1)
R(n+1)
L(n+2)
Hi -Z
Hi-Z
DATA_L
DATA_R
DIGMIC_CLK
)
(64 × f
S
GPIO1
CLK
DATA
GPIO2
CLK
DATA
L/R SEL
Wired-OR
DATA_L
DATA_R
GND
VDD
DIGMIC_IN1
GPIO1
GPIO2
L/R SEL
Copyright © 2017, Texas Instruments Incorporated
34
PCM1860, PCM1861, PCM1862
PCM1863, PCM1864, PCM1865
SLAS831D – MARCH 2014 – REVISED MARCH 2018
www.ti.com
Product Folder Links: PCM1860 PCM1861 PCM1862 PCM1863 PCM1864 PCM1865
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
9.3.8.2 Digital PDM Microphones
Up to four digital microphones are supported on the PCM1864 and PCM1865, using a shared output clock
(configured from GPIO2) and two data lines, GPIO0 or GPIO1. Two digital microphones are supported on the
PCM1862 and PCM1863, mainly using GPIO1 as the data input. The PCM1860 or PCM1861 does not support
digital microphones. The typical connection and protocol diagrams for these microphones are shown in Figure 31
and Figure 32.
Figure 31. Digital Microphone Example Connection
Figure 32. Digital Microphone Protocol
Supported Digital Microphone clock frequency is as follows, and the frequency depends on required operating
sampling frequency as follows:
•
2.0480 MHz (32 kHz × 64)
•
2.8224 MHz (44.1 kHz × 64)
•
3.072 MHz (48 kHz × 64)
•
3.072 MHz (96 kHz × 32 )
The recommended operating conditions for the Digital MIC are:
•
Sampling frequency is 32 kHz or 44.1 kHz
•
SCK is 256 × fS.
•
Enable Auto Clock Detector (Default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com