Electronic Components Datasheet Search
  English  ▼

X  

PCM5121 Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM5121
Description  PCM512x 2-VRMS DirectPath™, 112-dB and 106-dB Audio Stereo DACs With 32-Bit, 384-kHz PCM Interface
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5121 Datasheet(HTML) 5 Page - Texas Instruments

  PCM5121 Datasheet HTML 1Page - Texas Instruments PCM5121 Datasheet HTML 2Page - Texas Instruments PCM5121 Datasheet HTML 3Page - Texas Instruments PCM5121 Datasheet HTML 4Page - Texas Instruments PCM5121 Datasheet HTML 5Page - Texas Instruments PCM5121 Datasheet HTML 6Page - Texas Instruments PCM5121 Datasheet HTML 7Page - Texas Instruments PCM5121 Datasheet HTML 8Page - Texas Instruments PCM5121 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 121 page
background image
CPVDD
CAPP
CPGND
CAPM
VNEG
OUTL
OUTR
AVDD
AGND
VCOM
SDA
SCL
GPIO5
GPIO4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DVDD
DGND
LDOO
XSMT
ADR1
LRCK
DIN
BCK
SCK
GPIO6
MODE2
MODE1
ADR2
GPIO3
28
27
26
25
24
23
22
21
20
19
18
17
16
15
CPVDD
CAPP
CPGND
CAPM
VNEG
OUTL
OUTR
AVDD
AGND
VCOM
MOSI
MC
GPIO5
GPIO4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DVDD
DGND
LDOO
XSMT
MISO
LRCK
DIN
BCK
SCK
GPIO6
MS
MODE1
GPIO2
GPIO3
28
27
26
25
24
23
22
21
20
19
18
17
16
15
CPVDD
CAPP
CPGND
CAPM
VNEG
OUTL
OUTR
AVDD
AGND
DEMP
ATT2
ATT1
ATT0
MAST
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DVDD
DGND
LDOO
XSMT
FMT
LRCK
DIN
BCK
SCK
FLT
MODE2
MODE1
DOUT
AGNS
28
27
26
25
24
23
22
21
20
19
18
17
16
15
5
PCM5121, PCM5122
www.ti.com
SLAS763C – AUGUST 2012 – REVISED OCTOBER 2018
Product Folder Links: PCM5121 PCM5122
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
6 Pin Configuration and Functions
RHB Package
I2C Mode
(MODE1 tied to DGND and MODE2
tied to DVDD)
Top View
RHB Package
SPI Mode
(MODE1 tied to DVDD)
Top View
RHB Package
Hardwired Mode
(MODE1 tied to DGND, MODE2 tied
to DGND)
Top View
Table 3. Gain and Attenuation in Hardwired Mode
ATT PIN CONDITION (ATT2 : ATT1 : ATT0)
GAIN AND ATTENUATION LEVEL
( 0 0 0 )
0 dB
( 0 0 1 )
3 dB
( 0 1 0 )
6 dB
( 0 1 1 )
9 dB
( 1 0 0 )
12 dB
( 1 0 1 )
15 dB
( 1 1 0 )
–6 dB
( 1 1 1 )
–3 dB
6.1 Pin Functions
PIN
I/O
DESCRIPTION
NAME
MODE, NO.
I2C
SPI
HW
CPVDD
1
1
1
-
Charge pump power supply, 3.3 V
CAPP
2
2
2
O
Charge pump flying capacitor terminal for positive rail
CPGND
3
3
3
-
Charge pump ground
CAPM
4
4
4
O
Charge pump flying capacitor terminal for negative rail
VNEG
5
5
5
O
Negative charge pump rail terminal for decoupling, –3.3 V
OUTL
6
6
6
O
Analog output from DAC left channel
OUTR
7
7
7
O
Analog output from DAC right channel
AVDD
8
8
8
-
Analog power supply, 3.3 V
AGND
9
9
9
-
Analog ground
VCOM
10
10
–
O
I2C, SPI
VCOM output (optional mode selected by register; default setting is VREF
mode.) When in VREF mode (default), this pin ties to GND. When in VCOM
mode, decoupling capacitor to GND is required.
DEMP
–
–
10
I
HW
DEMP: De-emphasis control for 44.1-kHz sampling rate: Off (Low) / On
(High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com