Electronic Components Datasheet Search
  English  ▼

X  

PCM5121 Datasheet(PDF) 64 Page - Texas Instruments

Part # PCM5121
Description  PCM512x 2-VRMS DirectPath™, 112-dB and 106-dB Audio Stereo DACs With 32-Bit, 384-kHz PCM Interface
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5121 Datasheet(HTML) 64 Page - Texas Instruments

Back Button PCM5121 Datasheet HTML 60Page - Texas Instruments PCM5121 Datasheet HTML 61Page - Texas Instruments PCM5121 Datasheet HTML 62Page - Texas Instruments PCM5121 Datasheet HTML 63Page - Texas Instruments PCM5121 Datasheet HTML 64Page - Texas Instruments PCM5121 Datasheet HTML 65Page - Texas Instruments PCM5121 Datasheet HTML 66Page - Texas Instruments PCM5121 Datasheet HTML 67Page - Texas Instruments PCM5121 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 121 page
background image
Internal
Reset
I
2
S
Clocks
SCK,
BCK,
LRCK
I nternal
Reset
4
ms
Reset
Removal
1.5V
1.8V
DVDD,
LDOO
2.8V
3.3V
AVDD,
CPVDD
Internal
Reset
I
2
S
Clocks
SCK,
BCK,
LRCK
I nternal
Reset
4
ms
Reset
Removal
2.8V
3.3V
AVDD,
DVDD,
CPVDD
64
PCM5121, PCM5122
SLAS763C – AUGUST 2012 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: PCM5121 PCM5122
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
10.4 Power-On Reset Function
10.4.1 Power-On Reset, DVDD 3.3-V Supply
The PCM512x includes a power-on reset function, as shown in Figure 83. With VDD > 2.8 V, the power-on reset
function is enabled. After the initialization period, the PCM512x is set to its default reset state. Analog output will
begin ramping after valid data has been passing through the device for the given group delay given by the digital
interpolation filter selected.
Figure 83. Power-On Reset Timing, DVDD = 3.3 V
10.4.2 Power-On Reset, DVDD 1.8-V Supply
The PCM512x includes a power-on reset function, as shown in Figure 84. With AVDD greater than approximately
2.8 V, CPVDD greater than approximately 2.8 V, and DVDD greater than approximately 1.5 V, the power-on
reset function is enabled. After the initialization period, the PCM512x is set to its default reset state.
Figure 84. Power-On Reset Timing, DVDD = 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com