Electronic Components Datasheet Search
  English  ▼

X  

PCM5121 Datasheet(PDF) 92 Page - Texas Instruments

Part # PCM5121
Description  PCM512x 2-VRMS DirectPath™, 112-dB and 106-dB Audio Stereo DACs With 32-Bit, 384-kHz PCM Interface
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5121 Datasheet(HTML) 92 Page - Texas Instruments

Back Button PCM5121 Datasheet HTML 88Page - Texas Instruments PCM5121 Datasheet HTML 89Page - Texas Instruments PCM5121 Datasheet HTML 90Page - Texas Instruments PCM5121 Datasheet HTML 91Page - Texas Instruments PCM5121 Datasheet HTML 92Page - Texas Instruments PCM5121 Datasheet HTML 93Page - Texas Instruments PCM5121 Datasheet HTML 94Page - Texas Instruments PCM5121 Datasheet HTML 95Page - Texas Instruments PCM5121 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 121 page
background image
92
PCM5121, PCM5122
SLAS763C – AUGUST 2012 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: PCM5121 PCM5122
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
0: Output low
1: Output high
GOUT1
GPIO2 Output Control
This bit controls the GPIO2 output when the selection at Page 0 / Register 81 is set to 0010 (register output)
Default value: 0
0: Output low
1: Output high
GOUT0
GPIO1 Output Control
This bit controls the GPIO1 output when the selection at Page 0 / Register 80 is set to 0010 (register output)
Default value: 0
0: Output low
1: Output high
Table 102. Page 0 / Register 87
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
87
57
RSV
RSV
GINV5
GINV4
GINV3
GINV2
GINV1
GINV0
Reset Value
0
0
0
0
0
0
RSV
Reserved
Reserved. Do not access.
GINV5
GPIO6 Output Inversion
This bit controls the polarity of GPIO6 output. When set to 1, the output will be inverted for any signal being
selected.
Default value: 0
0: Non-inverted
1: Inverted
GINV4
GPIO5 Output Inversion
This bit controls the polarity of GPIO5 output. When set to 1, the output will be inverted for any signal being
selected.
Default value: 0
0: Non-inverted
1: Inverted
GINV3
GPIO4 Output Inversion
This bit controls the polarity of GPIO4 output. When set to 1, the output will be inverted for any signal being
selected.
Default value: 0
0: Non-inverted
1: Inverted
GINV2
GPIO3 Output Inversion
This bit controls the polarity of GPIO3 output. When set to 1, the output will be inverted for any signal being
selected.
Default value: 0
0: Non-inverted
1: Inverted
GINV1
GPIO2 Output Inversion
This bit controls the polarity of GPIO2 output. When set to 1, the output will be inverted for any signal being
selected.
Default value: 0
0: Non-inverted
1: Inverted
GINV0
GPIO1 Output Inversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com