Electronic Components Datasheet Search
  English  ▼

X  

PCM5121 Datasheet(PDF) 67 Page - Texas Instruments

Part # PCM5121
Description  PCM512x 2-VRMS DirectPath™, 112-dB and 106-dB Audio Stereo DACs With 32-Bit, 384-kHz PCM Interface
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5121 Datasheet(HTML) 67 Page - Texas Instruments

Back Button PCM5121 Datasheet HTML 63Page - Texas Instruments PCM5121 Datasheet HTML 64Page - Texas Instruments PCM5121 Datasheet HTML 65Page - Texas Instruments PCM5121 Datasheet HTML 66Page - Texas Instruments PCM5121 Datasheet HTML 67Page - Texas Instruments PCM5121 Datasheet HTML 68Page - Texas Instruments PCM5121 Datasheet HTML 69Page - Texas Instruments PCM5121 Datasheet HTML 70Page - Texas Instruments PCM5121 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 121 page
background image
67
PCM5121, PCM5122
www.ti.com
SLAS763C – AUGUST 2012 – REVISED OCTOBER 2018
Product Folder Links: PCM5121 PCM5122
Submit Documentation Feedback
Copyright © 2012–2018, Texas Instruments Incorporated
12 Register Maps
12.1 PCM512x Register Map
In any page, register 0 is the Page Select Register. The register value selects the Register Page from 0 to 255
for next read or write command.
Table 49. Register Map Overview
REGISTER
NUMBER
DESCRIPTION
Page 0
0
Page select register
1
Analog control register
2
Standby, Powerdown requests
3
Mute
4
PLL Lock Flag, PLL enable
5
Reserved
6
SPI MISO function select
7
De-emphasis enable, SDOUT select
8
GPIO enables
9
BCK, LRCLK configuration
10
DSP GPIO Input
11
Reserved
12
Master mode BCK, LRCLK reset
13
PLL clock source select
14 - 19
Reserved
20 - 24
PLL dividers
25, 26
Reserved
27
DSP clock divider
28
DAC clock divider
29
NCP clock divider
30
OSR clock divider
31
Reserved
32, 33
Master mode dividers
34
fS speed mode
35, 36
IDAC (number of DSP clock cycles available in
one audio frame)
37
Ignore various errors
38,39
Reserved
40, 41
I2S configuration
42
DAC data path
43
DSP program selection
44
Clock missing detection period
Table 49. Register Map Overview (continued)
REGISTER
NUMBER
DESCRIPTION
59
Auto mute time
60 - 64
Digital volume
65
Auto mute
75 - 79
Reserved
80 - 85
GPIOn output selection
86, 87
GPIO control
88, 89
Reserved
90
DSP overflow
91 - 94
Sample rate status
95 - 107
Reserved
108
Analog mute monitor
109 - 118
Reserved
119
GPIO input
120
Auto Mute flags
121
Reserved
Page 1
1
Output amplitude type
2
Analog gain control
3, 4
Reserved
5
Undervoltage protection
6
Analog mute control
7
Analog gain boost
8, 9
VCOM configuration
Page 44
1
Coefficient memory (CRAM) control
Pages 44 - 52
Coefficient buffer - A (256 coeffs x 24 bits) : See
Table 51
Pages 62 - 70
Coefficient buffer - B (256 coeffs x 24 bits) : See
Table 52
71 - 252
Reserved
Page 253
63, 64
Clock Flex Mode
Pages 254 -
255
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com